Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 157 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 157 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 153Page - STMicroelectronics ST92141 Datasheet HTML 154Page - STMicroelectronics ST92141 Datasheet HTML 155Page - STMicroelectronics ST92141 Datasheet HTML 156Page - STMicroelectronics ST92141 Datasheet HTML 157Page - STMicroelectronics ST92141 Datasheet HTML 158Page - STMicroelectronics ST92141 Datasheet HTML 159Page - STMicroelectronics ST92141 Datasheet HTML 160Page - STMicroelectronics ST92141 Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 179 page
background image
157/179
ST92141 - ELECTRICAL CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
(VDD = 5V ± 10%, TA = 40°C to +85°C, unless otherwise specified)
Note:
(1) Unless otherwise stated, typical data are based on TA=25°C and VDD=5V. They are only reported for design guidelines - not tested in pro-
duction.
(2) Data based on characterization results - not tested in production.
(3) For a description of the EMR1 Register - BSZ bit refer to the Device Configuration Registers Chapter.
Symbol
Parameter
Comment
Value
Unit
Min
Typ(1)
Max
VIH
Input High Level
Standard Schmitt Trigger
P5[7:2]
0.7VDD
VDD + 0.3
V
Input High Level
High Hyst. Schmitt Trigger
P5[1:0]-P3[6:0]-TACHO
0.8VDD
VDD + 0.3
V
VIL
Input Low Level
Standard Schmitt Trigger
P5[7:2]
– 0.3
0.8
V
Input Low Level
High Hyst. Schmitt Trigger
P5[1:0]-P3[6:0]-TACHO
– 0.3
0.8
V
VHYS
Input Hysteresis (2)
Standard Schmitt Trigger
P5[7:2]
0.5
V
Input Hysteresis (2)
High Hyst. Schmitt Trigger
P5[1:0]-P3[6:0]-TACHO
1.5
V
VOH
Output High Level
High Current Pins
P3.5-P3.6-P5.0-P5.2
Push Pull, IOH= – 2mA
EMR1 Register - BSZ bit = 0 (3)
VDD – 0.8
V
Psh Pull, IOH= – 8mA
EMR1 Register - BSZ bit = 1 (3)
VDD – 0.8
V
Output High Level
Standard Current Pins
P3[4:0]-P3.7-P5.1-P5[7:3]-
UH-UL-VH-VL-WH-WL
Push Pull, IOH= – 2mA
VDD – 0.8
V
VOL
Output Low Level
High Current Pins
P3.5-P3.6-P5.0-P5.2
Push Pull, IOL=2mA EMR1 Regis-
ter - BSZ bit = 0 (3)
0.4
V
Push Pull, IOL=8mA, EMR1 Reg-
ister - BSZ bit = 1 (3)
0.4
V
Push Pull, IOL=20mA, EMR1 Reg-
ister - BSZ bit = 1 (3)
3V
Output Low Level
Standard Current Pins
P3[4:0]-P3.7-P5.1-P5[7:3]-
UH-UL-VH-VL-WH-WL
Push Pull, IOL=2mA
0.4
V
IWPU
Weak Pull-up Current
P5[7:0]-P3[6:0]
Bidirectional Weak Pull-up
VOL = 0V
50
600
µA
ILKIO
I/O Pin Input Leakage
Input/Tri-State,
0V < VIN < VDD
– 10
+ 10
µA
ILKA/D
A/D Conv. Input Leakage
– 1
+ 1
µA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com