Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 177 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 177 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 173Page - STMicroelectronics ST92F120JR9T Datasheet HTML 174Page - STMicroelectronics ST92F120JR9T Datasheet HTML 175Page - STMicroelectronics ST92F120JR9T Datasheet HTML 176Page - STMicroelectronics ST92F120JR9T Datasheet HTML 177Page - STMicroelectronics ST92F120JR9T Datasheet HTML 178Page - STMicroelectronics ST92F120JR9T Datasheet HTML 179Page - STMicroelectronics ST92F120JR9T Datasheet HTML 180Page - STMicroelectronics ST92F120JR9T Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 320 page
background image
177/320
MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
EXTERNAL
INPUT
CONTROL
REGISTER
(T_ICR)
R250 - Read/Write
Register Page: 10
Reset value: 0000 0000 (00h)
Bit 7:4 = IN[3:0]:
Input pin function.
These bits are set and cleared by software.
Bit 3:2 = A[0:1]:
TxINA Pin event.
These bits are set and cleared by software.
Bit 1:0 = B[0:1]:
TxINB Pin event.
These bits are set and cleared by software.
PRESCALER REGISTER (PRSR)
R251 - Read/Write
Register Page: 10
Reset value: 0000 0000 (00h)
This register holds the preset value for the 8-bit
prescaler. The PRSR content may be modified at
any time, but it will be loaded into the prescaler at
the following prescaler underflow, or as a conse-
quence of a counter reload (either by software or
upon external request).
Following a RESET condition, the prescaler is au-
tomatically loaded with 00h, so that the prescaler
divides by 1 and the maximum counter clock is
generated (OSCIN frequency divided by 6 when
MODER.5 = DIV2 bit is set).
The binary value programmed in the PRSR regis-
ter is equal to the divider value minus one. For ex-
ample, loading PRSR with 24 causes the prescal-
er to divide by 25.
70
IN3
IN2
IN1
IN0
A0
A1
B0
B1
IN[3:0] bits
TxINA
Pin Function
TxINB Input
Pin Function
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
not used
not used
Gate
Gate
not used
Trigger
Gate
Trigger
Clock Up
Up/Down
Trigger Up
Up/Down
Autodiscr.
Trigger
Ext. Clock
Trigger
not used
Trigger
not used
Trigger
Ext. Clock
not used
Ext. Clock
Trigger
Clock Down
Ext. Clock
Trigger Down
not used
Autodiscr.
Ext. Clock
Trigger
Gate
A0
A1
TxINA Pin Event
0
0
1
1
0
1
0
1
No operation
Falling edge sensitive
Rising edge sensitive
Rising and falling edges
B0
B1
TxINB Pin Event
0
0
1
1
0
1
0
1
No operation
Falling edge sensitive
Rising edge sensitive
Rising and falling edges
70
P7
P6
P5
P4
P3
P2
P1
P0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com