Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 179 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 179 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 175Page - STMicroelectronics ST92F120JR9T Datasheet HTML 176Page - STMicroelectronics ST92F120JR9T Datasheet HTML 177Page - STMicroelectronics ST92F120JR9T Datasheet HTML 178Page - STMicroelectronics ST92F120JR9T Datasheet HTML 179Page - STMicroelectronics ST92F120JR9T Datasheet HTML 180Page - STMicroelectronics ST92F120JR9T Datasheet HTML 181Page - STMicroelectronics ST92F120JR9T Datasheet HTML 182Page - STMicroelectronics ST92F120JR9T Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 320 page
background image
179/320
MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
OUTPUT B CONTROL REGISTER (OBCR)
R253 - Read/Write
Register Page: 10
Reset value: 0000 0000 (00h)
Note: Whenever more than one event occurs si-
multaneously, the action taken will be the result of
ANDing the event bits xxE1-xxE0.
Bit 7:6 = C0E[0:1]:
COMP0 event bits.
These bits are set and cleared by software.
Bit 5:4 = C1E[0:1]:
COMP1 event bits.
These bits are set and cleared by software.
Bit 3:2 = OUE[0:1]:
OVF/UNF event bits.
These bits are set and cleared by software.
Bit 1 = OEV:
On-Chip event on OVF/UNF.
This bit is set and cleared by software.
0: No action
1: An underflow/overflow activates the on-chip
event signal (a single pulse is generated)
Bit 0 = OP:
TxOUTB preset value.
This bit is set and cleared by software and by hard-
ware. The value of this bit is the preset value of the
TxOUTB pin. Reading this bit returns the current
state of the TxOUTB pin (useful when it is selected
in toggle mode).
70
C0E0 C0E1 C1E0 C1E1 OUE0 OUE1 OEV 0P
C0E0
C0E1
Action on TxOUTB pin on
a suc-
cessful compare of the CMP0R
register
0
0
Set
0
1
Toggle
1
0
Reset
1
1
NOP
C1E0
C1E1
Action on TxOUTB pin on a suc-
cessful compare of the CMP1R reg-
ister
0
0
Set
0
1
Toggle
1
0
Reset
1
1
NOP
OUE0
OUE1
Action on TxOUTB pin on an Over-
flow or Underflow on the U/D coun-
ter
0
0
Set
0
1
Toggle
1
0
Reset
1
1
NOP
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com