Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 180 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 180 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 176Page - STMicroelectronics ST92F120JR9T Datasheet HTML 177Page - STMicroelectronics ST92F120JR9T Datasheet HTML 178Page - STMicroelectronics ST92F120JR9T Datasheet HTML 179Page - STMicroelectronics ST92F120JR9T Datasheet HTML 180Page - STMicroelectronics ST92F120JR9T Datasheet HTML 181Page - STMicroelectronics ST92F120JR9T Datasheet HTML 182Page - STMicroelectronics ST92F120JR9T Datasheet HTML 183Page - STMicroelectronics ST92F120JR9T Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 320 page
background image
180/320
MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
FLAG REGISTER (T_FLAGR)
R254 - Read/Write
Register Page: 10
Reset value: 0000 0000 (00h)
Bit 7 = CP0:
Capture 0 flag.
This bit is set by hardware after a capture on
REG0R register. An interrupt is generated de-
pending on the value of the GTIEN, CP0I bits in
the IDMR register and the A0 bit in the T_FLAGR
register. The CP0 bit must be cleared by software.
Setting by software acts as a software load/cap-
ture to/from the REG0R register.
0: No Capture 0 event
1: Capture 0 event occurred
Bit 6 = CP1:
Capture 1 flag.
This bit is set by hardware after a capture on
REG1R register. An interrupt is generated de-
pending on the value of the GTIEN, CP0I bits in
the IDMR register and the A0 bit in the T_FLAGR
register. The CP1 bit must be cleared by software.
Setting by software acts as a capture event on the
REG1R register, except when in Bicapture mode.
0: No Capture 1 event
1: Capture 1 event occurred
Bit 5 = CM0:
Compare 0 flag.
This bit is set by hardware after a successful com-
pare on the CMP0R register. An interrupt is gener-
ated if the GTIEN and CM0I bits in the IDMR reg-
ister are set. The CM0 bit is cleared by software.
0: No Compare 0 event
1: Compare 0 event occurred
Bit 4 = CM1:
Compare 1 flag.
This bit is set after a successful compare on
CMP1R register. An interrupt is generated if the
GTIEN and CM1I bits in the IDMR register are set.
The CM1 bit is cleared by software.
0: No Compare 1 event
1: Compare 1 event occurred
Bit 3 = OUF:
Overflow/Underflow.
This bit is set by hardware after a counter Over/
Underflow condition. An interrupt is generated if
GTIEN and OUI=1 in the IDMR register. The OUF
bit is cleared by software.
0: No counter overflow/underflow
1: Counter overflow/underflow
Bit 2 = OCP0:
Overrun on Capture 0.
This bit is set by hardware when more than one
INT/DMA requests occur before the CP0 flag is
cleared by software or whenever a capture is sim-
ulated by setting the CP0 flag by software. The
OCP0 flag is cleared by software.
0: No capture 0 overrun
1: Capture 0 overrun
Bit 1 = OCM0:
Overrun on compare 0.
This bit is set by hardware when more than one
INT/DMA requests occur before the CM0 flag is
cleared by software.The OCM0 flag is cleared by
software.
0: No compare 0 overrun
1: Compare 0 overrun
Bit 0 = A0:
Capture interrupt function.
This bit is set and cleared by software.
0: Configure the capture interrupt as an OR func-
tion of REG0R/REG1R captures
1: Configure the capture interrupt as an AND func-
tion of REG0R/REG1R captures
70
CP0
CP1
CM0
CM1
OUF
OCP
0
OCM
0
A0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com