Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 182 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 182 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 178Page - STMicroelectronics ST92F120JR9T Datasheet HTML 179Page - STMicroelectronics ST92F120JR9T Datasheet HTML 180Page - STMicroelectronics ST92F120JR9T Datasheet HTML 181Page - STMicroelectronics ST92F120JR9T Datasheet HTML 182Page - STMicroelectronics ST92F120JR9T Datasheet HTML 183Page - STMicroelectronics ST92F120JR9T Datasheet HTML 184Page - STMicroelectronics ST92F120JR9T Datasheet HTML 185Page - STMicroelectronics ST92F120JR9T Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 320 page
background image
182/320
MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
DMA ADDRESS POINTER REGISTER (DAPR)
R241 - Read/Write
Register Page: 9
Reset value: undefined
Bit 7:2 = DAP[7:2]:
MSB of DMA address register
location.
These are the most significant bits of the DMA ad-
dress register location programmable by software.
The DAP2 bit may also be toggled by hardware if
the Timer DMA section for the Compare 0 channel
is configured in Swap mode.
Note: During a DMA transfer with the Register
File, the DAPR is not used; however, in Swap
mode, DAPR(2) is used to point to the correct ta-
ble.
Bit 1 = DMA-SRCE:
DMA source selection.
This bit is fixed by hardware.
0: DMA source is a Capture on REG0R register
1: DMA destination is a Compare on the CMP0R
register
Bit 0 = PRG/DAT:
DMA memory selection.
This bit is set and cleared by software. It is only
meaningful if DCPR.REG/MEM=0.
0: The ISR register is used to extend the address
of data transferred by DMA (see MMU chapter).
1: The DMASR register is used to extend the ad-
dress of data transferred by DMA (see MMU
chapter).
INTERRUPT VECTOR REGISTER (T_IVR)
R242 - Read/Write
Register Page: 9
Reset value: xxxx xxx0
This register is used as a vector, pointing to the
16-bit interrupt vectors in memory which contain
the starting addresses of the three interrupt sub-
routines managed by each timer.
Only one Interrupt Vector Register is available for
each timer, and it is able to manage three interrupt
groups, because the 3 least significant bits are
fixed by hardware depending on the group which
generated the interrupt request.
In order to determine which request generated the
interrupt within a group, the T_FLAGR register can
be used to check the relevant interrupt source.
Bit 7:3 = V[4:0]:
MSB of the vector address.
These bits are user programmable and contain the
five most significant bits of the Timer interrupt vec-
tor addresses in memory. In any case, an 8-bit ad-
dress can be used to indicate the Timer interrupt
vector locations, because they are within the first
256 memory locations (see Interrupt and DMA
chapters).
Bit 2:1 = W[1:0]:
Vector address bits.
These bits are equivalent to bit 1 and bit 2 of the
Timer interrupt vector addresses in memory. They
are fixed by hardware, depending on the group of
sources which generated the interrupt request as
follows:.
Bit 0 = This bit is forced by hardware to 0.
70
DAP
7
DAP
6
DAP5 DAP4 DAP3 DAP2
DMA
SRCE
PRG
/DAT
REG/MEM PRG/DAT
DMA Source/Destination
0
0
1
1
0
1
0
1
ISR register used to address
memory
DMASR register used to address
memory
Register file
Register file
70
V4
V3
V2
V1
V0
W1
W0
0
W1
W0
Interrupt Source
0
0
1
1
0
1
0
1
Overflow/Underflow even interrupt
Not available
Capture event interrupt
Compare event interrupt
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com