Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 177Page - STMicroelectronics ST92F120JR9T Datasheet HTML 178Page - STMicroelectronics ST92F120JR9T Datasheet HTML 179Page - STMicroelectronics ST92F120JR9T Datasheet HTML 180Page - STMicroelectronics ST92F120JR9T Datasheet HTML 181Page - STMicroelectronics ST92F120JR9T Datasheet HTML 182Page - STMicroelectronics ST92F120JR9T Datasheet HTML 183Page - STMicroelectronics ST92F120JR9T Datasheet HTML 184Page - STMicroelectronics ST92F120JR9T Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 320 page
background image
181/320
MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
INTERRUPT/DMA MASK REGISTER (IDMR)
R255 - Read/Write
Register Page: 10
Reset value: 0000 0000 (00h)
Bit 7 = GTIEN:
Global timer interrupt enable.
This bit is set and cleared by software.
0: Disable all Timer interrupts
1: Enable all timer Timer Interrupts from enabled
sources
Bit 6 = CP0D:
Capture 0 DMA mask.
This bit is set by software to enable a Capt0 DMA
transfer and cleared by hardware at the end of the
block transfer.
0: Disable capture on REG0R DMA
1: Enable capture on REG0R DMA
Bit 5 = CP0I:
Capture 0 interrupt mask.
0: Disable capture on REG0R interrupt
1: Enable capture on REG0R interrupt (or Capt0
DMA End of Block interrupt if CP0D=1)
Bit 4 = CP1I:
Capture 1 interrupt mask.
This bit is set and cleared by software.
0: Disable capture on REG1R interrupt
1: Enable capture on REG1R interrupt
Bit 3 = CM0D:
Compare 0 DMA mask.
This bit is set by software to enable a Comp0 DMA
transfer and cleared by hardware at the end of the
block transfer.
0: Disable compare on CMP0R DMA
1: Enable compare on CMP0R DMA
Bit 2 = CM0I:
Compare 0 Interrupt mask.
This bit is set and cleared by software.
0: Disable compare on CMP0R interrupt
1: Enable compare on CMP0R interrupt (or
Comp0 DMA End of Block interrupt if CM0D=1)
Bit 1 = CM1I:
Compare 1 Interrupt mask.
This bit is set and cleared by software.
0: Disable compare on CMP1R interrupt
1: Enable compare on CMP1R interrupt
Bit 0 = OUI:
Overflow/Underflow interrupt mask.
This bit is set and cleared by software.
0: Disable Overflow/Underflow interrupt
1: Enable Overflow/Underflow interrupt
DMA COUNTER POINTER REGISTER (DCPR)
R240 - Read/Write
Register Page: 9
Reset value: undefined
Bit 7:2 = DCP[7:2]:
MSBs of DMA counter register
address.
These are the most significant bits of the DMA
counter register address programmable by soft-
ware. The DCP2 bit may also be toggled by hard-
ware if the Timer DMA section for the Compare 0
channel is configured in Swap mode.
Bit 1 = DMA-SRCE:
DMA source selection.
This bit is set and cleared by hardware.
0: DMA source is a Capture on REG0R register
1: DMA destination is a Compare on CMP0R reg-
ister
Bit 0 = REG/MEM:
DMA area selection.
This bit is set and cleared by software. It selects
the source and destination of the DMA area
0: DMA from/to memory
1: DMA from/to Register File
70
GT-
IEN
CP0D CP0I
CP1I
CM0
D
CM0I CM1I
OUI
70
DCP7 DCP6 DCP5 DCP4 DCP3 DCP2
DMA
SRCE
REG/
MEM
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com