Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA308
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA308 Datasheet HTML 3Page - STMicroelectronics STA308 Datasheet HTML 4Page - STMicroelectronics STA308 Datasheet HTML 5Page - STMicroelectronics STA308 Datasheet HTML 6Page - STMicroelectronics STA308 Datasheet HTML 7Page - STMicroelectronics STA308 Datasheet HTML 8Page - STMicroelectronics STA308 Datasheet HTML 9Page - STMicroelectronics STA308 Datasheet HTML 10Page - STMicroelectronics STA308 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7/33
STA308
1.0 PIN DESCRIPRTION
1.1 MVO: Master Volume Override
This pin enables the user to bypass the Volume Control on all channels. When MVO is pulled High, the Master
Volume Register is set to 00h, which corresponds to its Full Scale setting. The Master Volume Register Setting
offsets the individual Channel Volume Settings, which default to 0dB.
1.2 SDI_12 through 78: Serial Data In
Audio information enters the device here. Six format choices are available including I2S, left- or right-justified,
LSB or MSB first, with word widths of 16, 18, 20 and 24 bits.
1.3 RESET
Driving this pin (low) turns off the outputs and returns all settings to their defaults.
1.4 I2C
The SA, SDA and SCL pins operate per the Philips I2C specification. See Section 2.
1.5 PLL: Phase Locked Loop
The phase locked loop section provides the System Timing Signals and CKOUT.
1.6 CKOUT: Clock Out
System synchronization and master clocks are provided by the CKOUT.
1.7 OUT1 through OUT8: PWM Outputs
The PWM outputs provide the input signal for the power devices.
1.8 EAPD: External Amplifier Power-Down
This signal can be used to control the power-down of DDX power devices.
1.9 SDO_12 through 78: Serial Data Out
Audio information exits the device here. Six different format choices are available including I2S, left- or right-
justified, LSB or MSB first, with word widths of 16, 18, 20 and 24 bits.
1.10 PWDN: Device Power-Down
This puts the STA308 into a low-power state via appropriate power-down sequence. Pulling PWDN low begins
power-down sequence, and EAPD goes low ~30ms later.
2.0 II2C BUS SPECIFICATION
The STA308 supports the I2C protocol. This protocol defines any device that sends data on to the bus as a
transmitter and any device that reads the data as a receiver. The device that controls the data transfer is known
as the master and the other as the slave. The master always starts the transfer and provides the serial clock
for synchronization. The STA308 is always a slave device in all of its communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com