Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA308
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA308 Datasheet HTML 7Page - STMicroelectronics STA308 Datasheet HTML 8Page - STMicroelectronics STA308 Datasheet HTML 9Page - STMicroelectronics STA308 Datasheet HTML 10Page - STMicroelectronics STA308 Datasheet HTML 11Page - STMicroelectronics STA308 Datasheet HTML 12Page - STMicroelectronics STA308 Datasheet HTML 13Page - STMicroelectronics STA308 Datasheet HTML 14Page - STMicroelectronics STA308 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11/33
STA308
3.0 CONFIGURATION REGISTER A (ADDRESS 00H)
3.0.1 Master Clock Select
The STA308 will support sample rates of 32kHz, 44.1kHz, 48Khz, 88.2kHz, 96kHz, 176.4kHz, and 192kHz.
Therefore the internal clock will be:
– 65.536Mhz for 32kHz
– 90.3168Mhz for 44.1khz, 88.2kHz, and 176.4kHz
– 98.304Mhz for 48kHz, 96kHz, and 192kHz
The external clock frequency provided to the XTI pin must be a multiple of the input sample frequency(fs). The
relationship between the input clock and the input sample rate is determined by both the MCSx and the IRx (In-
put Rate) register bits. The MCSx bits determine the PLL factor generating the internal clock and the IRx bits
determine the oversampling ratio used internally.
3.0.2 Interpolation Ratio Select
The STA308 has variable interpolation (oversampling) settings such that internal processing and DDX output
rates remain consistent. The first processing block interpolates by either 4 times, 2 times, or 1 time (pass-
through). The IR bits determine the oversampling ratio of this interpolation.
Table 2. IR bit settings as a function of Input Sample Rate.
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
MPC
MPE
BME
IR1
IR0
MCS2
MCS1
MCS0
RST
10
0
0
0
0
1
1
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
1
MCS0
Master Clock Select : Selects the ratio between the input I2S
sample frequency and the input clock.
1
R/W
1
MCS1
2
R/W
0
MCS2
Input Sample Rate
fs (kHz)
IR
MCS(2..0)
1xx
011
010
001
000
32, 44.1, 48
00
128fs
256fs
384fs
512fs
768fs
88.2, 96
01
64fs
128fs
192fs
256fs
384fs
176.4, 192
10
64fs
128fs
192fs
256fs
384fs
BIT
R/W
RST
NAME
DESCRIPTION
2
R/W
0
IR0
Interpolation Ratio Select : Selects internal interpolation ratio based on input I2S
sample frequency
3
R/W
0
IR1
Input Sample Rate
Fs
IR(1,0)
1st Stage Interpolation Ratio
32kHz
00
4 times oversampling
44.1kHz
00
4 times oversampling
48kHz
00
4 times oversampling
88.2kHz
01
2 times oversampling
96kHz
01
2 times oversampling
176.4kHz
10
Pass-Through
192kHz
10
Pass-Through



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com