Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA308
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA308 Datasheet HTML 5Page - STMicroelectronics STA308 Datasheet HTML 6Page - STMicroelectronics STA308 Datasheet HTML 7Page - STMicroelectronics STA308 Datasheet HTML 8Page - STMicroelectronics STA308 Datasheet HTML 9Page - STMicroelectronics STA308 Datasheet HTML 10Page - STMicroelectronics STA308 Datasheet HTML 11Page - STMicroelectronics STA308 Datasheet HTML 12Page - STMicroelectronics STA308 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9/33
STA308
Write Mode Sequence
Read Mode Sequence
Table 1. Register summary
Address
Name
D7
D6
D5
D4
D3
D2
D1
D0
00h
ConfA
MPC
HPE
BME
IR1
IR0
MCS2
MCS1
MCS0
01h
ConfB
DRC
ZCE
SAIFB
SAI2
SAI1
SAI0
ZDE
DSPB
02h
ConfC
HPB
CSZ4
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
03h
ConfD
BQL
PSL
COS1
COS0
C78BO
C56BO
C34BO
C12BO
04h
ConfE
DCV
SAOFB
SAO2
SAO1
SAO0
DEMP
VOLEN
MIXE
05h
ConfF
EAPD
AME
COD
I2SD
PWMD
06h
Mmute
MMute
07h
Mvol
MV7
MV6
MV5
MV4
MV3
MV2
MV1
MV0
08h
Cmute
C8M
C7M
C6M
C5M
C4M
C3M
C2M
C1M
09h
C1Vol
C1V7
C1V6
C1V5
C1V4
C1V3
C1V2
C1V1
C1V0
0Ah
C2Vol
C2V7
C2V6
C2V5
C2V4
C2V3
C2V2
C2V1
C2V0
0Bh
C3Vol
C3V7
C3V6
C3V5
C3V4
C3V3
C3V2
C3V1
C3V0
0Ch
C4Vol
C4V7
C4V6
C4V5
C4V4
C4V3
C4V2
C4V1
C4V0
0Dh
C5Vol
C5V7
C5V6
C5V5
C5V4
C5V3
C5V2
C5V1
C5V0
0Eh
C6Vol
C6V7
C6V6
C6V5
C6V4
C6V3
C6V2
C6V1
C6V0
0Fh
C7Vol
C7V7
C7V6
C7V5
C7V4
C7V3
C7V2
C7V1
C7V0
DEV-ADDR
ACK
START
RW
SUB-ADDR
ACK
DATA IN
ACK
STOP
BYTE
WRITE
DEV-ADDR
ACK
START
RW
SUB-ADDR
ACK
DATA IN
ACK
STOP
MULTIBYTE
WRITE
DATA IN
ACK
DEV-ADDR
ACK
START
RW
DATA
NO ACK
STOP
CURRENT
ADDRESS
READ
DEV-ADDR
ACK
START
RW
SUB-ADDR
ACK
DEV-ADDR
ACK
STOP
RANDOM
ADDRESS
READ
DATA
NO ACK
START
RW
DEV-ADDR
ACK
START
DATA
ACK
DATA
ACK
STOP
SEQUENTIAL
CURRENT
READ
DATA
NO ACK
DEV-ADDR
ACK
START
RW
SUB-ADDR
ACK
DEV-ADDR
ACK
SEQUENTIAL
RANDOM
READ
DATA
ACK
START
RW
DATA
ACK
NO ACK
STOP
DATA
RW=
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com