Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA308
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA308 Datasheet HTML 13Page - STMicroelectronics STA308 Datasheet HTML 14Page - STMicroelectronics STA308 Datasheet HTML 15Page - STMicroelectronics STA308 Datasheet HTML 16Page - STMicroelectronics STA308 Datasheet HTML 17Page - STMicroelectronics STA308 Datasheet HTML 18Page - STMicroelectronics STA308 Datasheet HTML 19Page - STMicroelectronics STA308 Datasheet HTML 20Page - STMicroelectronics STA308 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
17/33
STA308
map full-scale digital input to full DDX modulation output.
By setting this bit to one deemphasis will implemented on all channels. When this is used it takes the place of
biquad #1 in each channel and any coefficients using biquad #1 will be ignored. DSPB(DSP Bypass) bit must
be set to 0 for Deemphasis to function.
The STA308 features a configurable digital serial audio interface. The settings of the SAIx bits determine how
the output to this interface is interpreted. Six formats are accepted.
Table 4. Interface format as a function of SAO bits.
3.5 Configuration Register F (address 05h)
BIT
R/W
RST
NAME
DESCRIPTION
2
R/W
0
DEMP
Deemphasis : 0 – No Deemphasis, 1- Deemphasis
BIT
R/W
RST
NAME
DESCRIPTION
3
R/W
0
SAO0
Serial Audio Output Interface Format : Determines the interface
format of the output serial digital audio interface.
4
R/W
0
SAO1
5
R/W
0
SAO2
SAO(2..0)
Interface Format
000
I2S
001
Left-Justified Data
010
Right-Justified 16-bit Data
011
Right-Justified 18-bit Data
100
Right-Justified 20-bit Data
101
Right-Justified 24-bit Data
BIT
R/W
RST
NAME
DESCRIPTION
6
R/W
0
SAOFB
Determines MSB or LSB first for all SAO formats;
0 – MSB First
1 – LSB First
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
0
DCV
Distortion Compensation Variable:
0 – Use Standard DC Coefficient
1- Use DCC bits for DC Coefficient
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
EAPD
AME
COD
SID
PWMD
RST
00
0
0
0
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
PWMD
PWM Output Disable: 0 – PWM Output Normal
1- No PWM Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com