Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA308
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA308 Datasheet HTML 17Page - STMicroelectronics STA308 Datasheet HTML 18Page - STMicroelectronics STA308 Datasheet HTML 19Page - STMicroelectronics STA308 Datasheet HTML 20Page - STMicroelectronics STA308 Datasheet HTML 21Page - STMicroelectronics STA308 Datasheet HTML 22Page - STMicroelectronics STA308 Datasheet HTML 23Page - STMicroelectronics STA308 Datasheet HTML 24Page - STMicroelectronics STA308 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21/33
STA308
3.20 Channel Input Mapping Channels 7 & 8 (address 14h)
Each channel received via I2S can be mapped to any internal processing channel via the Channel Input Map-
ping registers. This allows for flexibility in processing, simplifies output stage designs, and enables the ability
to perform crossovers. The default settings of these registers map each I2S input channel to its corresponding
processing channel.
For example, to map input 2 to Channel 5, set Address 11h, bits D6, D5 and D4 to 100. Now, inputs 2 and 5 go
to Channel 5.
Table 6. Channel Mapping as a function of CxIM bits
DDX-8000 Output Phasing
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C8IM2
C8IM1
C8IM0
C7IM2
C7IM1
C7IM0
RST
11
1
1
1
0
CxIM(2..0)
I2S Input Mapped to:
000
Channel 1
001
Channel 2
010
Channel 3
011
Channel 4
100
Channel 5
101
Channel 6
110
Channel 7
111
Channel 8
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
1/384kHz or 2.874us
8:1
Mux
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
Channel 6
Channel 7
Channel 8
Channel X
CxIM(2..0)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com