Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA308
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA308 Datasheet HTML 2Page - STMicroelectronics STA308 Datasheet HTML 3Page - STMicroelectronics STA308 Datasheet HTML 4Page - STMicroelectronics STA308 Datasheet HTML 5Page - STMicroelectronics STA308 Datasheet HTML 6Page - STMicroelectronics STA308 Datasheet HTML 7Page - STMicroelectronics STA308 Datasheet HTML 8Page - STMicroelectronics STA308 Datasheet HTML 9Page - STMicroelectronics STA308 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
STA308
6/33
ELECTRICAL CHARACTERISTCS (VDD3 = 3.3V ± 0.3V; VDD = 2.5V ± 0.2V; Tamb = 0 to 70 °C; unless other-
wise specified)
GENERAL INTERFACE ELECTRICAL CHARACTERISTICS
Note 1: The leakage currents are generally very small, < 1na. The values given here are maximum after an electrostatic stress on the pin.
Note 2: Human Body Model
DC ELECTRICAL CHARACTERISTICS: 3.3V BUFFERS
DC ELECTRICAL CHARACTERISTICS: 2.5V BUFFERS
Notes: 1. Source/Sink current under worst-case conditions.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
Iil
Low Level Input no pull-up
Vi = 0V
1
µA1
Iih
High Level Input no pull-down
Vi = VDD3
2
µA1
IOZ
Tristate output leakage without
pullup/down
Vi = VDD3
2
µA1
Vesd
Electrostatic Protection
Leakage < 1
µA2000
V
2
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
0.8
V
VIH
High Level Input Voltage
2.0
V
VILhyst
Low Level Threshold
Input Falling
0.8
1.35
V
VIHhyst
High Level Threshold
Input Rising
1.3
2.0
V
Vhyst
Schmitt Trigger Hysteresis
0.3
0.8
V
VOL
Low Level Output
IoI = 100uA
0.4
V
VOL
High Level Output
Ioh = -100uA
VDD3-0.2
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VILst
Low Level Input Voltage
Schmitt input
0.26*VDD
V
VIHst
High Level Input Voltage
Schmitt input
0.7*VDD
V
VILhyst
Low Level Threshold
non Schmitt, Input
Falling
0.5*VDD
V
VIHhyst
High Level Threshold
non Schmitt, Input
Rising
1.3
0.5*VDD
2.0
V
Vhyst
Schmitt Trigger Hysteresis
0.23*VDD
V
VOL
Low Level Output
Note 1
0.15*VDD
V
VOH
High Level Output
Note 1
0.85*VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com