Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA308
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308 Datasheet(HTML) 5 Page - STMicroelectronics

  STA308 Datasheet HTML 1Page - STMicroelectronics STA308 Datasheet HTML 2Page - STMicroelectronics STA308 Datasheet HTML 3Page - STMicroelectronics STA308 Datasheet HTML 4Page - STMicroelectronics STA308 Datasheet HTML 5Page - STMicroelectronics STA308 Datasheet HTML 6Page - STMicroelectronics STA308 Datasheet HTML 7Page - STMicroelectronics STA308 Datasheet HTML 8Page - STMicroelectronics STA308 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5/33
STA308
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
RECOMMENDED DC OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VDD_3.3
3.3V I/O Power Supply
-0.5 to 4
V
VDD_2.5
2.5V Logic Power Supply
-0.5 to 3.3
V
Vi
Voltage on input pins
-0.5 to (VDD+0.5)
V
Vo
Voltage on output pins
-0.5 to (VDD+0.3)
V
Tstg
Storage Temperature
-40 to +150
°C
Tamb
Ambient Operating Temperature
-20 to +85
°C
Symbol
Parameter
Value
Unit
Rthj-amb
Thermal resistance Junction to Ambient
85
°C/W
Symbol
Parameter
Value
Unit
VDD_3.3
I/O Power Supply
3.0 to 3.6
V
VDD_2.5
Logic Power Supply
2.3 to 2.7
V
Tj
Operating Junction Temperature
-20 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com