Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA308
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA308 Datasheet HTML 9Page - STMicroelectronics STA308 Datasheet HTML 10Page - STMicroelectronics STA308 Datasheet HTML 11Page - STMicroelectronics STA308 Datasheet HTML 12Page - STMicroelectronics STA308 Datasheet HTML 13Page - STMicroelectronics STA308 Datasheet HTML 14Page - STMicroelectronics STA308 Datasheet HTML 15Page - STMicroelectronics STA308 Datasheet HTML 16Page - STMicroelectronics STA308 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
13/33
STA308
Serial Audio Input Interface Format
The STA308 features a configurable digital serial audio interface. The settings of the SAIx bits determine how
the input to this interface is interpreted. Six formats are accepted.
Table 3. Interface format as a function of SAI bits.
Figure 2. Serial Audio Signals
BIT
R/W
RST
NAME
DESCRIPTION
2
R/W
0
SAI0
Serial Audio Input Interface Format : Determines the
interface format of the input serial digital audio interface.
3
R/W
0
SAI1
4
R/W
0
SAI2
SAI(2..0)
Interface Format
000
I2S
001
Left-Justified Data
010
Right-Justified 16-bit Data
011
Right-Justified 18-bit Data
100
Right-Justified 20-bit Data
101
Right-Justified 24-bit Data
SAI=000 I
2S
SAI=001 Left Justified
LRCLK
Left
Right
SCLK
SDATA
LSB
MSB
LSB
MSB
MSB
LRCLK
Left
Right
SCLK
SDATA
LSB
MSB
LSB
MSB
MSB
SAI=010 to 101 Right Justified
LRCLK
Left
Right
SCLK
SDATA
LSB
MSB
LSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com