Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA308
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA308 Datasheet HTML 14Page - STMicroelectronics STA308 Datasheet HTML 15Page - STMicroelectronics STA308 Datasheet HTML 16Page - STMicroelectronics STA308 Datasheet HTML 17Page - STMicroelectronics STA308 Datasheet HTML 18Page - STMicroelectronics STA308 Datasheet HTML 19Page - STMicroelectronics STA308 Datasheet HTML 20Page - STMicroelectronics STA308 Datasheet HTML 21Page - STMicroelectronics STA308 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
STA308
18/33
The STA308 features a DDX processing mode that minimizes the amount of noise generated in frequency range
of AM radio. This mode is intended to be used when DDX is operating in a device with an AM tuner active. The
SNR of the DDX processing is reduced to ~83dB in this mode, which is still greater than the SNR of AM radio.
This output bit, on pin 51 of the device, is used to mute the DDX Power Devices for Power-Down.
3.6 Master Mute Register (address 06h)
3.7 Master Volume Register (address 07h)
3.8 Channels 1,2,3,4,5,6,7,8 Mute (address 08h)
3.9 Channel 1 Volume (address 09h)
3.10 Channel 2 Volume (address 0Ah)
1
R/W
0
SID
Serial Interface(I2S Out) Disable: 0 – I2S Output Normal
1- No I2S Output
2
R/W
0
COD
Clock Output Disable: 0 – Clock Output Normal
1- No Clock Output
3
R/W
0
AME
AM Mode Enable : 0 – Normal DDX operation.
1 – AM reduction mode DDX operation.
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
0
EAPD
External Amplifier Power Down:
0 – External Power Stage Power Down Active
1 - Normal Operation
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
MMUTE
RST
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
MV7
MV6
MV5
MV4
MV3
MV2
MV1
MV0
RST
11
1
1
1
1
1
1
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C8M
C7M
C6M
C5M
C4M
C3M
C2M
C1M
RST
00
0
0
0
0
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C1V7
C1V6
C1V5
C1V4
C1V3
C1V2
C1V1
C1V0
RST
00
1
1
0
0
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C2V7
C2V6
C2V5
C2V4
C2V3
C2V2
C2V1
C2V0
RST
00
1
1
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com