Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA308
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA308 Datasheet HTML 12Page - STMicroelectronics STA308 Datasheet HTML 13Page - STMicroelectronics STA308 Datasheet HTML 14Page - STMicroelectronics STA308 Datasheet HTML 15Page - STMicroelectronics STA308 Datasheet HTML 16Page - STMicroelectronics STA308 Datasheet HTML 17Page - STMicroelectronics STA308 Datasheet HTML 18Page - STMicroelectronics STA308 Datasheet HTML 19Page - STMicroelectronics STA308 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
STA308
16/33
The Clock Output Select register selects the frequency of the clock output pin relative to the PLL clock output.
The PLL clock runs at 2048fs for 32, 44.1, and 48kHz, at 1024fs for 88.2kHz and 96 kHz, and at 512fs for
176.4kHz and 192kHz.
3.3.3 Post-Scale Link
For multi-channel applications, the post-scale values can be linked to the value of channel 1 for ease of use and
update the values faster.
3.3.4 Biquad Coefficient Link
For ease of use, all channels can use the biquad coefficients loaded into the Channel 1 Coefficient RAM space
by setting the BQL bit to 1. Then any EQ updates would only have to be performed once.
3.4 Configuration Register E (address 04h)
The scale and mix functionality can be used to mix adjacent channels instead of for bass management. By set-
ting this bit(BME must be set to 0) odd channels will be mixed with their adjacent even channel and output in
the place of the even channel. The odd channel wills pass-through unscaled. The values used for this function
are the same as for bass management. Since this function occurs post channel mapping a large number of
possibilities are present for two channel mixing. Up to four mixed channels can be obtained.
When VOLEN set to 1, volume operation is normal. When set to 0, volume operation is bypassed and the vol-
ume stages are all set to pass-through. This also eliminates the digital volume offset of ~-0.6dB that is used to
COS(1,0)
CKOUT Frequency
01
PLL Output/4
10
PLL Output/8
11
PLL Output/16
BIT
R/W
RST
NAME
DESCRIPTION
6
R/W
0
PSL
Post-Scale Link :0 – Each Channel uses individual Post-Scale value
1 - Each Channel uses Channel 1 Post-Scale value
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
0
BQL
Biquad Link :
0 – Each Channel uses coefficient values
1- Each Channel uses Channel 1 coefficient values
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
DCV
SAOFB
SAO2
SAO1
SAO0
DEMP
VOLEN
MIXE
RST
00
0
0
0
0
1
0
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
MIXE
Mix Enable: 0 – Normal Operation
1 - Adjacent Channel Mix Mode
BIT
R/W
RST
NAME
DESCRIPTION
1
R/W
1
VOLEN
Volume Enable: 0 – Volume Operation Bypassed
1 - Volume Operation Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com