Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA308
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308 Datasheet(HTML) 4 Page - STMicroelectronics

  STA308 Datasheet HTML 1Page - STMicroelectronics STA308 Datasheet HTML 2Page - STMicroelectronics STA308 Datasheet HTML 3Page - STMicroelectronics STA308 Datasheet HTML 4Page - STMicroelectronics STA308 Datasheet HTML 5Page - STMicroelectronics STA308 Datasheet HTML 6Page - STMicroelectronics STA308 Datasheet HTML 7Page - STMicroelectronics STA308 Datasheet HTML 8Page - STMicroelectronics STA308 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
STA308
4/33
PIN
NAME
TYPE
DESCRIPTION
PAD TYPE
20
XTI
I
Crystal Oscillator Input (Clock Input)
3.3V Tolerant TTL Schmitt
Trigger Input Buffer
21
FILTER_PLL
PLL Filter
Analog Pad
22
VDDA
PLL 2.5V Supply
2.5V Analog Power
Supply Voltage
23
GNDA
PLL Ground
Analog Ground
25
CKOUT
O
Clock Output
3.3V Capable TTL Tristate
4mA Output Buffer
29
OUT8_B
O
PWM Channel 8 Output B
3.3V Capable TTL 2mA
Output Buffer
30
OUT8_A
O
PWM Channel 8 Output A
3.3V Capable TTL 2mA
Output Buffer
31
OUT7_B
O
PWM Channel 7 Output B
3.3V Capable TTL 2mA
Output Buffer
32
OUT7_A
O
PWM Channel 7 Output A
3.3V Capable TTL 2mA
Output Buffer
33
OUT6_B
O
PWM Channel 6 Output B
3.3V Capable TTL 2mA
Output Buffer
34
OUT6_A
O
PWM Channel 6 Output A
3.3V Capable TTL 2mA
Output Buffer
38
OUT5_B
O
PWM Channel 5 Output B
3.3V Capable TTL 2mA
Output Buffer
39
OUT5_A
O
PWM Channel 5 Output A
3.3V Capable TTL 2mA
Output Buffer
40
OUT4_B
O
PWM Channel 4 Output B
3.3V Capable TTL 2mA
Output Buffer
41
OUT4_A
O
PWM Channel 4 Output A
3.3V Capable TTL 2mA
Output Buffer
42
OUT3_B
O
PWM Channel 3 Output B
3.3V Capable TTL 2mA
Output Buffer
43
OUT3_A
O
PWM Channel 3 Output A
3.3V Capable TTL 2mA
Output Buffer
47
OUT2_B
O
PWM Channel 2 Output B
3.3V Capable TTL 2mA
Output Buffer
48
OUT2_A
O
PWM Channel 2 Output A
3.3V Capable TTL 2mA
Output Buffer
49
OUT1_B
O
PWM Channel 1 Output B
3.3V Capable TTL 2mA
Output Buffer
50
OUT1_A
O
PWM Channel 1 Output A
3.3V Capable TTL 2mA
Output Buffer
51
EAPD
O
External Amplifier Power Down
3.3V Capable TTL 2mA
Output Buffer
55
BICKO
O
Output I2S Serial Clock
3.3V Capable TTL 2mA
Output Buffer
56
LRCKO
O
Output I2S Left/Right Clock
3.3V Capable TTL 2mA
Output Buffer
57
SDO_12
O
Output I2S Serial Data Channels 1 & 2
3.3V Capable TTL 2mA
Output Buffer
58
SDO_34
O
Output I2S Serial Data Channels 3 & 4
3.3V Capable TTL 2mA
Output Buffer
62
SDO_56
O
Output I2S Serial Data Channels 5 & 6
3.3V Capable TTL 2mA
Output Buffer
63
SDO_78
O
Output I2S Serial Data Channels 7 & 8
3.3V Capable TTL 2mA
Output Buffer
64
PWDN
I
Device Powerdown
5V Tolerant TTL Schmitt
Trigger Input Buffer
PIN FUNCTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com