Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA308
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA308 Datasheet HTML 4Page - STMicroelectronics STA308 Datasheet HTML 5Page - STMicroelectronics STA308 Datasheet HTML 6Page - STMicroelectronics STA308 Datasheet HTML 7Page - STMicroelectronics STA308 Datasheet HTML 8Page - STMicroelectronics STA308 Datasheet HTML 9Page - STMicroelectronics STA308 Datasheet HTML 10Page - STMicroelectronics STA308 Datasheet HTML 11Page - STMicroelectronics STA308 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
STA308
8/33
2.1 COMMUNICATION PROTOCOL
2.1.1 Data Transition or change
Data changes on the SDA line must only occur when the SCL clock is low. SDA transition while the clock is
high is used to identify a START or STOP condition.
2.1.2 Start Condition
START is identified by a high to low transition of the data bus SDA signal while the clock signal SCL is stable
in the high state. A START condition must precede any command for data transfer.
2.1.3 Stop Condition
STOP is identified by low to high transition of the data bus SDA signal while the clock signal SCL is stable in the
high state. A STOP condition terminates communication between STA308 and the bus master.
2.1.4 Data Input
During the data input the STA308 samples the SDA signal on the rising edge of clock SCL. For correct device
operation the SDA signal must be stable during the rising edge of the clock and the data can change only when
the SCL line is low.
2.2 DEVICE ADDRESSING
To start communication between the master and the STA308, the master must initiate with a start condition.
Following this, the master sends onto the SDA line 8-bits (MSB first) corresponding to the device select address
and read or write mode.
The 7 most significant bits are the device address identifiers, corresponding to the I2C bus definition. In the
STA308 the I2C interface has two device addresses depending on the SA pin configuration, 0x30 or 0011000x
when SA = 0, and 0x32 or 0011001x when SA = 1.
The 8th bit (LSB) identifies read or write operation RW, this bit is set to 1 in read mode and 0 for write mode.
After a START condition the STA308 identifies on the bus the device address and if a match is found, it acknowl-
edges the identification on SDA bus during the 9th bit time. The byte following the device identification byte is
the internal space address.
2.3 WRITE OPERATION
Following the START condition the master sends a device select code with the RW bit set to 0. The STA308
acknowledges this and the writes for the byte of internal address. After receiving the internal byte address the
STA308 again responds with an acknowledgement.
2.3.1 Byte Write
In the byte write mode the master sends one data byte, this is acknowledged by the STA308. The master then
terminates the transfer by generating a STOP condition.
2.3.2 Multi-byte Write
The multi-byte write modes can start from any internal address. The master generating a STOP condition ter-
minates the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com