Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADN8102
Rev. A | Page 28 of 32
PCB DESIGN GUIDELINES
Proper RF PCB design techniques must be used for optimal
performance.
POWER SUPPLY CONNECTIONS AND GROUND
PLANES
Use of one low impedance ground plane is recommended.
The VEE pins should be soldered directly to the ground plane
to reduce series inductance. If the ground plane is an internal
plane and connections to the ground plane are made through
vias, multiple vias can be used in parallel to reduce the series
inductance. The exposed pad should be connected to the VEE
plane using plugged vias so that solder does not leak through
the vias during reflow.
Use of a 10 μF electrolytic capacitor between VCC and VEE is
recommended at the location where the 3.3 V supply enters the
printed circuit board (PCB). It is recommended that 0.1 μF and
1 nF ceramic chip capacitors be placed in parallel at each supply
pin for high frequency power supply decoupling. When using
0.1 μF and 1 nF ceramic chip capacitors, they should be placed
between the IC power supply pins (VCC, VTTI, and VTTO)
and VEE, as close as possible to the supply pins.
By using adjacent power supply and GND planes, excellent high
frequency decoupling can be realized by using close spacing
between the planes. This capacitance is given by
CPLANE = 0.88εr × A/d (pF)
where:
εr is the dielectric constant of the PCB material.
A is the area of the overlap of power and GND planes (cm2).
d is the separation between planes (mm).
For FR4, εr = 4.4, and 0.25 mm spacing, C ≈ 15 pF/cm2.
TRANSMISSION LINES
Use of 50 Ω transmission lines is required for all high frequency
input and output signals to minimize reflections. It is also necessary
for the high speed pairs of differential input traces to be matched in
length, as well as the high speed pairs of differential output traces,
to avoid skew between the differential traces.
SOLDERING GUIDELINES FOR CHIP SCALE PACKAGE
The lands on the LFCSP are rectangular. The PCB pad for these
should be 0.1 mm longer than the package land length and
0.05 mm wider than the package land width. Center the land on
the pad, which ensures that the solder joint size is maximized.
The bottom of the chip scale package has a central exposed pad.
The pad on the PCB should be at least as large as this exposed pad.
The user must connect the exposed pad to VEE using plugged vias
so that solder does not leak through the vias during reflow. This
ensures a solid connection from the exposed pad to VEE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com