Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ADN8102
Rev. A | Page 11 of 32
50Ω CABLES
2
2
TP3
HIGH SPEED
SAMPLING
OSCILLOSCOPE
50Ω CABLES
2
2
50Ω
ADN8102
AC-COUPLED
EVALUATION
BOARD
INPUT
PIN
OUTPUT
PIN
PATTERN
GENERATOR
DATA OUT
TP1
50Ω CABLES
2
2
TP2
30m CX4 CABLE
50ps/DIV
REFERENCE EYE DIAGRAM AT TP1
Figure 14. Input Equalization Test Circuit, CX4
50ps/DIV
Figure 15. 3.25 Gbps Input Eye, 30 Meters CX4 Cable (TP2 from Figure 14)
50ps/DIV
Figure 16. 3.75 Gbps Input Eye, 30 Meters CX4 Cable (TP2 from Figure 14)
50ps/DIV
Figure 17. 3.25 Gbps Output Eye, 30 Meters CX4 Cable, Best EQ Setting
(TP3 from Figure 14)
50ps/DIV
Figure 18. 3.75 Gbps Output Eye, 30 Meters CX4 Cable, Best EQ Setting
(TP3 from Figure 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com