Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
ADN8102
Rev. A | Page 17 of 32
EQUALIZATION SETTINGS
The ADN8102 receiver incorporates a multizero transfer function
continuous time equalizer that provides up to 22 dB of high
frequency boost at 1.875 GHz to compensate up to 30 meters
of CX4 cable or 40 inches of FR4 at 3.75 Gbps. The ADN8102
allows joint control of the equalizer transfer function of the
four equalizer channels in a single port through the I2C control
interface. Port A and Port B equalizer transfer functions are
controlled via Register 0x80 and Register 0xA0, respectively.
The equalizer transfer function allows independent control of
the boost in two different frequency ranges for optimal matching
with the loss shape of the user’s channel (for example, skin-effect
loss dominated or dielectric loss dominated). By default, the
equalizer control is simplified to two independent maps of basic
settings that provide nine settings, each optimized for CX4 cable
and FR4 to ease programming for typical channels. The default
state of the part selects the CX4 optimized equalization map for
the IN_A[3:0] channels that interface with the cable and the FR4
optimized equalization map for the IN_B[3:0] channels that
interface with the board. Full control of the equalizer is available via
the I2C control interface by writing register bit MODE[0] = 1 at
Address 0x0F. Table 6 summarizes the high frequency boost for
each of the basic control settings and the typical length of CX4
cable and FR4 trace that each setting compensates. Setting the
EQBY bit of the IN_A/IN_B configuration registers high sets
the equalization to 1.5 dB of boost, which compensates 0 meters
to 2 meters of CX4 or 0 inches to 10 inches of FR4.
Setting the LUT SELECT bit = 1 (Bit 1 in the IN_Ax/IN_Bx FR4
control registers) allows the default map selection (CX4 or FR4
optimized) to be overwritten via the LUT FR4/CX4 bit (Bit 0)
in the IN_Ax/IN_Bx FR4 control registers. Setting this bit high
selects the FR4 optimized map, and setting it low selects the CX4
optimized map. These settings are set on a per channel basis
(see Table 7 and Table 17).
The user can also specify the boost in the mid frequency and high
frequency ranges independently. This is done by writing to the
IN_A/IN_B EQ1 control and IN_A/IN_B EQ2 control registers for
the channel of interest. Each of these registers provides 32 settings
of boost, with IN_A/IN_B EQ1 control setting the mid-frequency
boost and IN_A/IN_B EQ2 control setting the high frequency
boost. The IN_A/IN_B EQx control registers are ordered such
that Bit 5 is a sign bit, and midlevel boost is centered on 0x00;
setting Bit 5 low and increasing the LSBs results in decreasing
boost, while setting Bit 5 high and increasing the LSBs results in
increasing boost. The EQ CTL SRC bit (Bit 6) in the IN_A/IN_B
EQ1 Control registers determines whether the equalization
control for the channel of interest is selected from the optimized
map or directly from the IN_A/IN_B EQx control registers (per
port). Setting this bit high selects equalization control directly
from the IN_A/IN_B EQx control registers, and setting it low
selects equalization control from the selected optimized map.
Table 6. Receive Equalizer Boost vs. Setting (CX4 and FR4 Optimized Maps)
IN_Ax/IN_Bx
Configuration, EQ[2:0]
Cable Optimized
FR4 Optimized
Boost (dB)
Typical CX4 Cable Length (Meters)
Boost (dB)
Typical FR4 Trace Length (Inches)
01
10
4 to 6
3.5
5 to 10
1
12
8 to 10
3.9
10 to 15
21
14
12 to 14
4.25
15 to 20
3
17
16 to 18
4.5
20 to 25
4
19
20 to 22
4.75
25 to 30
51
20
24 to 26
5.0
30 to 35
6
21
28 to 30
5.3
35 to 40
71
22
30 to 32
5.5
35 to 40
1 These EQ settings are also available via the external device pins, EQ_A[1:0] and EQ_B[1:0].
Table 7. Receive Configuration and Equalization Registers
Name
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
IN_A/IN_B
Configuration
0x80, 0xA0
PNSWAP
EQBY
EN
EQ[2]
EQ[1]
EQ[0]
0x30
IN_A/IN_B
EQ1 Control
0x83, 0xA3
EQ CTL SRC
EQ1[5]
EQ1[4]
EQ1[3]
EQ1[2]
EQ1[1]
EQ1[0]
0x00
IN_A/IN_B
EQ2 Control
0x84, 0xA4
EQ2[5]
EQ2[4]
EQ2[3]
EQ2[2]
EQ2[1]
EQ2[0]
0x00
IN_Ax/IN_Bx
FR4 Control
0x85, 0x8D, 0x95,
0x9D, 0xA5, 0xAD,
0xB5, 0xBD
LUT SELECT
LUT FR4/CX4
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com