Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
ADN8102
Rev. A | Page 29 of 32
REGISTER MAP
Table 17. I2C Register Definitions
Name
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Reset
0x00
RESET
Global
Configuration
Control
0x02
LB[1]
LB[0]
0x00
Mode
0x0F
MODE[1]
MODE[0]
0x00
TxHeadroom
0x23
TxH_B3
TxH_B2
TxH_B1
TxH_B0
TxH_A3
TxH_A2
TxH_A1
TxH_A0
0x00
IN_A
Configuration
0x80
PNSWAP
EQBY
EN
EQ[2]
EQ[1]
EQ[0]
0x30
IN_A LOS
Threshold
0x81
THRESH[6]
THRESH[5]
THRESH[4]
THRESH[3]
THRESH[2]
THRESH[1]
THRESH[0]
0x04
IN_A LOS
Hysteresis
0x82
HYST[6]
HYST[5]
HYST[4]
HYST[3]
HYST[2]
HYST[1]
HYST[0]
0x12
IN_A LOS
Status1
0x1F
STICKY
LOS[3]
STICKY
LOS[2]
STICKY
LOS[1]
STICKY
LOS[0]
REAL-TIME
LOS[3]
REAL-TIME
LOS[2]
REAL-TIME
LOS[1]
REAL-TIME
LOS[0]
IN_A EQ1
Control
0x83
EQ CTL
SRC
EQ1[5]
EQ1[4]
EQ1[3]
EQ1[2]
EQ1[1]
EQ1[0]
0x00
IN_A EQ2
Control
0x84
EQ2[5]
EQ2[4]
EQ2[3]
EQ2[2]
EQ2[1]
EQ2[0]
0x00
IN_A0 FR4
Control
0x85
LUT
SELECT
LUT
FR4/CX4
0x00
IN_A1 FR4
Control
0x8D
LUT
SELECT
LUT
FR4/CX4
0x00
IN_A2 FR4
Control
0x95
LUT
SELECT
LUT
FR4/CX4
0x00
IN_A3 FR4
Control
0x9D
LUT
SELECT
LUT
FR4/CX4
0x00
IN_B
Configuration
0xA0
PNSWAP
EQBY
EN
EQ[2]
EQ[1]
EQ[0]
0x30
IN_B LOS
Threshold
0xA1
THRESH[6]
THRESH[5]
THRESH[4]
THRESH[3]
THRESH[2]
THRESH[1]
THRESH[0]
0x04
IN_B LOS
Hysteresis
0xA2
HYST[6]
HYST[5]
HYST[4]
HYST[3]
HYST[2]
HYST[1]
HYST[0]
0x12
IN_B LOS
Status1
0x3F
STICKY
LOS [3]
STICKY
LOS [2]
STICKY
LOS [1]
STICKY
LOS[0]
REAL-TIME
LOS[3]
REAL-TIME
LOS[2]
REAL-TIME
LOS[1]
REAL-TIME
LOS[0]
IN_B EQ1
Control
0xA3
EQ CTL
SRC
EQ1[5]
EQ1[4]
EQ1[3]
EQ1[2]
EQ1[1]
EQ1[0]
0x00
IN_B EQ2
Control
0xA4
EQ2[5]
EQ2[4]
EQ2[3]
EQ2[2]
EQ2[1]
EQ2[0]
0x00
IN_B3 FR4
Control
0xA5
LUT
SELECT
LUT
FR4/CX4
0x00
IN_B2 FR4
Control
0xAD
LUT
SELECT
LUT
FR4/CX4
0x00
IN_B1 FR4
Control
0xB5
LUT
SELECT
LUT
FR4/CX4
0x00
IN_B0 FR4
Control
0xBD
LUT
SELECT
LUT
FR4/CX4
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com