Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADN8102ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADN8102
Rev. A | Page 4 of 32
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage Range
Single-ended absolute voltage level, TxHeadroom = 0;
VL minimum
VCC − 1.1
V
Single-ended absolute voltage level, TxHeadroom = 0;
VH maximum
VCC + 0.6
V
Single-ended absolute voltage level, TxHeadroom = 1;
VL minimum
VCC − 1.2
V
Single-ended absolute voltage level, TxHeadroom = 1;
VH maximum
VCC + 0.6
V
Output Current
Minimum output current per channel
2
mA
Maximum output current per channel, VCC = 1.8 V
21
mA
Output Resistance
Single-ended
43
50
57
Ω
Output Return Loss
Measured at 2.5 GHz
5
dB
LOS CHARACTERISTICS
Assert Level
IN_A/IN_B THRESH = 0x0C
20
mV diff
Deassert Level
IN_A/IN_B HYST = 0x0D
225
mV diff
POWER SUPPLY
Operating Range
VCC
VEE = 0 V
1.7
1.8
3.6
V
DVCC
VEE = 0 V, DVCC ≤ (VCC + 1.3 V)
3.0
3.3
3.6
V
VTTI
(VEE + 0.4 V + 0.5 × VID) < VTTI < (VCC + 0.5 V)
VEE + 0.4
1.8
3.6
V
VTTO
(VCC − 1.1 V + 0.5 × VOD) < VTTO < (VCC + 0.5 V)
VCC − 1.1
1.8
3.6
V
Supply Current
VTTO
All outputs enabled
63
69
mA
VCC
All outputs enabled
460
565
mA
VEE
All outputs enabled
586
mA
LOGIC CHARACTERISTICS
Input High, VIH
DVCC = 3.3 V
2.5
V
Input Low, VIL
1.0
V
Output High, VOH
2.5
V
Output Low, VOL
1.0
V
THERMAL CHARACTERISTICS
Operating Temperature Range
−40
+85
°C
θJA
22
°C/W
1 VICM is the input common-mode voltage.
2 Programmable via I2C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com