Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADN8102ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
3.75 Gbps Quad Bidirectional
CX4 Equalizer
ADN8102
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Optimized for dc to 3.75 Gbps data
Programmable input equalization
Up to 22 dB boost at 1.875 GHz
Compensates up to 30 meters of CX4 cable up to 3.75 Gbps
Compensates up to 40 inches of FR4 up to 3.75 Gbps
Programmable output pre-emphasis/de-emphasis
Up to 12 dB boost at 1.875 GHz (3.75 Gbps)
Compensates up to 15 meters of CX4 cable up to 3.75 Gbps
Compensates up to 40 inches of FR4 up to 3.75 Gbps
Flexible 1.8 V to 3.3 V core supply
Per lane P/N pair inversion for routing ease
Low power: 125 mW/channel up to 3.75 Gbps
DC- or ac-coupled differential CML inputs
Programmable CML output levels
50 Ω on-chip termination
Loss-of-signal detection
Temperature range operation: −40°C to +85°C
Supports 8b10b, scrambled, or uncoded NRZ data
I2C control interface
64-lead LFSCP (QFN) package
APPLICATIONS
10GBase-CX4
HiGig™
InfiniBand
1×, 2× Fibre Channel
XAUI
Gigabit Ethernet over backplane or cable
CPRI™
50 Ω cables
FUNCTIONAL BLOCK DIAGRAM
RECEIVE
EQUALIZATION
EQ
TRANSMIT
PRE-EMPHASIS
PE
TRANSMIT
PRE-EMPHASIS
RECEIVE
EQUALIZATION
PE
2:1
2:1
CONTROL LOGIC
ADN8102
EQ
Ix_B[3:0]
LOS_B
LB
Ox_A[3:0]
ADDR[1:0]
SCL
SDA
RESET
Ox_B[3:0]
LOS_A
Ix_A[3:0]
PE_A[1:0]
EQ_A[1:0]
EQ_B[1:0]
PE_B[1:0]
ENA
ENB
Figure 1.
GENERAL DESCRIPTION
The ADN8102 is a quad bidirectional CX4 cable/backplane
equalizer with eight differential PECL-/CML-compatible inputs
with programmable equalization and eight differential CML
outputs with programmable output levels and pre-emphasis or
de-emphasis. The operation of this device is optimized for NRZ
data at rates up to 3.75 Gbps.
The receive inputs provide programmable equalization to
compensate for up to 30 meters of CX4 cable (24 AWG) or
40 inches of FR4, and programmable pre-emphasis to compensate
for up to 15 meters of CX4 cable (24 AWG) or 40 inches of FR4
at 3.75 Gbps. Each channel also provides programmable loss-of-
signal detection and loopback capability for system testing and
debugging.
The ADN8102 is controlled through toggle pins, an I2C® control
interface that provides more flexible control, or a combination of
both. Every channel implements an asynchronous path supporting
dc to 3.75 Gbps NRZ data, fully independent of other channels. The
ADN8102 has low latency and very low channel-to-channel skew.
The main application for the ADN8102 is to support switching
in chassis-to-chassis applications over CX4 or InfiniBand® cables.
The ADN8102 is packaged in a 9 mm × 9 mm 64-lead LFCSP
(QFN) package and operates from −40°C to +85°C.


Similar Part No. - ADN8102ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8102ACPZ-R7 AD-ADN8102ACPZ-R7 Datasheet
2Mb / 36P
3.75 Gbps Quad Bidirectional CX4 Equalizer
Rev. C
More results

Similar Description - ADN8102ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8040 BOARDCOM-BCM8040 Datasheet
194Kb / 2P
QUAD XAUI/CX4/LX4 1.0-3.2-GBPS RETIMER/SWITCH
logo
National Semiconductor ...
DS50EV401 NSC-DS50EV401 Datasheet
1Mb / 14P
2.5 Gbps / 5.0 Gbps / 8.0 Gbps Quad PCI Express Cable and Backplane Equalizer
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
Programmable Quad Equalizer
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
Programmable Quad Equalizer
DS64EV400 NSC-DS64EV400 Datasheet
1Mb / 18P
Programmable Quad Equalizer
logo
Texas Instruments
DS32EV400 TI1-DS32EV400_14 Datasheet
1Mb / 23P
DisplayPort??Quad Equalizer
DS32EV400 TI1-DS32EV400_15 Datasheet
1Mb / 24P
DisplayPort??Quad Equalizer
DS50EV401 TI1-DS50EV401_15 Datasheet
2Mb / 19P
DS50EV401 2.5 Gbps / 5.0 Gbps or 8.0 Gbps Quad Cable and Backplane Equalizer
DS64EV400 TI1-DS64EV400_15 Datasheet
3Mb / 22P
Programmable Quad Equalizer
SN65LVCP1414 TI1-SN65LVCP1414 Datasheet
1Mb / 26P
14.2-Gbps Quad Channel, Dual Mode Linear Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com