Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
ADN8102
Rev. A | Page 19 of 32
LOOPBACK
The ADN8102 provides loopback on both input ports (Port A:
cable interface input, Port B: line card interface input). The external
loopback toggle pin, LB, controls the loopback of the Port B input
only (board side loopback). When loopback is asserted, valid
data continues to pass through the Port B link, but the Port B
input signals are also shunted to the Port A output to allow testing
and debugging without disrupting valid data. This loopback, as
well as loopback of the Port A input (cable side loopback), can
be programmed through the I2C interface. The loopbacks are
controlled through the I2C interface by writing to Bit 0 and
Bit 1 of the global configuration control register (Register 0x02).
Bit 1 represents loopback of the Port A inputs to the Port B
outputs (cable side loopback). Bit 0 represents loopback of the
Port B inputs to the Port A outputs (board side loopback), with
high representing loopback for both bits. Bit 0 is also controlled
through the LB pin with I2C data overwriting the pin state. Both
input ports can be looped back simultaneously (full loopback)
by writing high to both Bit 0 and Bit 1, but in this case, valid
data is disrupted on each channel. Figure 39 illustrates the three
loopback modes.
CONTROL LOGIC
TRANSMIT
PRE-EMPHASIS
RECEIVE
EQUALIZATION
EQ
Ix_B[3:0]
LB
ADDR[1:0]
SCL
SDA
RESET
Ox_B[3:0]
LOS_A
Ix_A[3:0]
PE_A[1:0]
EQ_A[1:0]
EQ_B[1:0]
PE_B[1:0]
ENA
ENB
RECEIVE
EQUALIZATION
EQ
TRANSMIT
PRE-EMPHASIS
PE
PE
Ox_A[3:0]
CONTROL LOGIC
TRANSMIT
PRE-EMPHASIS
RECEIVE
EQUALIZATION
EQ
Ix_B[3:0]
LB
ADDR[1:0]
SCL
SDA
RESET
Ox_B[3:0]
LOS_A
Ix_A[3:0]
PE_A[1:0]
EQ_A[1:0]
EQ_B[1:0]
PE_B[1:0]
ENA
ENB
RECEIVE
EQUALIZATION
EQ
TRANSMIT
PRE-EMPHASIS
PE
PE
Ox_A[3:0]
CONTROL LOGIC
TRANSMIT
PRE-EMPHASIS
RECEIVE
EQUALIZATION
EQ
Ix_B[3:0]
LB
ADDR[1:0]
SCL
SDA
RESET
Ox_B[3:0]
LOS_A
Ix_A[3:0]
PE_A[1:0]
EQ_A[1:0]
EQ_B[1:0]
PE_B[1:0]
ENA
ENB
RECEIVE
EQUALIZATION
EQ
TRANSMIT
PRE-EMPHASIS
PE
PE
Ox_A[3:0]
CABLE SIDE LOOPBACK
BOARD SIDE LOOPBACK
FULL LOOPBACK
Figure 39. Loopback Modes of Operation
Table 10. Global Configuration Register, Loopback Controls
Name
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Global Configuration Control
0x02
LB[1]
LB[0]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com