Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADN8102
Rev. A | Page 7 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RESET
LOS_A
IN_A0
IP_A0
VCC
IN_A1
IP_A1
VTTI
IN_A2
IP_A2
VEE
IN_A3
IP_A3
DVCC
EQ_A1
EQ_A0
SCL
SDA
LOS_B
IP_B0
IN_B0
VCC
IP_B1
IN_B1
VTTI
IP_B2
IN_B2
VEE
IP_B3
IN_B3
EQ_B1
EQ_B0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
ADN8102
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
RESET
Control
Reset Input, Active Low
2
LOS_A
Digital I/O
Port A Loss of Signal Status, Active Low
3
IN_A0
I/O
High Speed Input Complement
4
IP_A0
I/O
High Speed Input
5
VCC
Power
Positive Supply
6
IN_A1
I/O
High Speed Input Complement
7
IP_A1
I/O
High Speed Input
8
VTTI
Power
Input Termination Supply
9
IN_A2
I/O
High Speed Input Complement
10
IP_A2
I/O
High Speed Input
11
VEE
Power
Negative Supply
12
IN_A3
I/O
High Speed Input Complement
13
IP_A3
I/O
High Speed Input
14
DVCC
Power
Digital Power Supply
15
EQ_A1
Control
Port A Input Equalization MSB
16
EQ_A0
Control
Port A Input Equalization LSB
17
VEE
Power
Negative Supply
18
LB
Control
Loopback Control
19
ON_B0
I/O
High Speed Output Complement
20
OP_B0
I/O
High Speed Output
21
VCC
Power
Positive Supply
22
ON_B1
I/O
High Speed Output Complement
23
OP_B1
I/O
High Speed Output
24
VTTO
Power
Output Termination Supply
25
ON_B2
I/O
High Speed Output Complement
26
OP_B2
I/O
High Speed Output
27
VEE
Power
Negative Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com