Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ADN8102
Rev. A | Page 23 of 32
High Current Setting and Output Level Shift
In low voltage applications, users must pay careful attention to
both the differential and common-mode signal levels (see Figure 41
and Table 14 and Table 15. Failure to understand the implications
of signal level and choice of ac or dc coupling almost certainly leads
to transistor saturation and poor transmitter performance.
TxHeadroom
The TxHeadroom register (Register 0x23) allows configuration
of the individual transmitters for extra headroom at the output
for high current applications. The bits in this register are active
high (default) and are one per output (see Table 17). Setting a
bit high puts the respective transmitter in a configuration for
extra headroom and setting a bit low does not provide extra
headroom. The TxHeadroom bits should only be set high when
VCC exceeds the value listed in Table 14 for a given output swing.
VTTO
VH
VOCM
ΔVOCM
VOD
VL
VEE
VOD p-p = 2 × VOD
Figure 41. Simplified Output Voltage Levels Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com