Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADN8102
Rev. A | Page 24 of 32
Signal Levels and Common-Mode Shift for DC- and AC-Coupled Outputs
Table 14.
Output Levels and Output Compliance
AC-Coupled Transmitter
DC-Coupled Transmitter
TxHeadroom = 0
TxHeadroom = 1
VOD
(mV)
ITOT
(mA)
VD
Peak
(mV)
PE
Boost
PE
(dB)
dVOCM
(mV)
VH
(V)
VL
(V)
VH
Peak
(V)
VL
Peak
(V)
dVOCM
(mV)
VH
(V)
VL
(V)
VH
Peak
(V)
VL
Peak
(V)
Min
VL
(V)
Max
VCC − VL
(V)
Min
VCC
(V)
Min
VL
(V)
Max
VCC − VL
(V)
Min
VCC (V)
VTTO and VCC = 3.3 V
200
8
200
1.00
0.00
200
3.2
3
3.2
3
100
3.3
3.1
3.3
3.1
2.225 1.1
1.8
2
1.2
2
200
12
300
1.50
3.52
300
3.1
2.9
3.15
2.85
150
3.25 3.05 3.3
3
2.225 1.1
1.8
2
1.2
2
200
16
400
2.00
6.02
400
3
2.8
3.1
2.7
200
3.2
3
3.3
2.9
2.225 1.1
1.8
2
1.2
2
200
20
500
2.50
7.96
500
2.9
2.7
3.05
2.55
250
3.15 2.95 3.3
2.8
2.225 1.1
1.8
2
1.2
2
200
24
600
3.00
9.54
600
2.8
2.6
3
2.4
300
3.1
2.9
3.3
2.7
2.225 1.1
1.8
2
1.2
2
200
28
700
3.50
10.88 700
2.7
2.5
2.95
2.25
350
3.05 2.85 3.3
2.6
2.225 1.1
1.9
2
1.2
2.2
200
32
800
4.00
12.04 800
2.6
2.4
2.9
2.1
400
3
2.8
3.3
2.5
2.225 1.1
1.9
2
1.2
2.2
300
12
300
1.00
0.00
300
3.15 2.85 3.15
2.85
150
3.3
3
3.3
3
2.225 1.1
1.8
2
1.2
2
300
16
400
1.33
2.50
400
3.05 2.75 3.1
2.7
200
3.25 2.95 3.3
2.9
2.225 1.1
1.8
2
1.2
2
300
20
500
1.67
4.44
500
2.95 2.65 3.05
2.55
250
3.2
2.9
3.3
2.8
2.225 1.1
1.8
2
1.2
2
300
24
600
2.00
6.02
600
2.85 2.55 3
2.4
300
3.15 2.85 3.3
2.7
2.225 1.1
1.8
2
1.2
2
300
28
700
2.33
7.36
700
2.75 2.45 2.95
2.25
350
3.1
2.8
3.3
2.6
2.225 1.1
1.8
2
1.2
2
300
32
800
2.67
8.52
800
2.65 2.35 2.9
2.1
400
3.05 2.75 3.3
2.5
2.225 1.1
1.9
2
1.2
2.2
300
36
900
3.00
9.54
900
2.55 2.25 2.85
1.95
450
3
2.7
3.3
2.4
2.225 1.1
1.9
2
1.2
2.2
400
16
400
1.00
0.00
400
3.1
2.7
3.1
2.7
200
3.3
2.9
3.3
2.9
2.225 1.1
1.8
2
1.2
2
400
20
500
1.25
1.94
500
3
2.6
3.05
2.55
250
3.25 2.85 3.3
2.8
2.225 1.1
1.8
2
1.2
2
400
24
600
1.50
3.52
600
2.9
2.5
3
2.4
300
3.2
2.8
3.3
2.7
2.225 1.1
1.8
2
1.2
2
400
28
700
1.75
4.86
700
2.8
2.4
2.95
2.25
350
3.15 2.75 3.3
2.6
2.225 1.1
1.8
2
1.2
2
400
32
800
2.00
6.02
800
2.7
2.3
2.9
2.1
400
3.1
2.7
3.3
2.5
2.225 1.1
1.8
2
1.2
2
400
36
900
2.25
7.04
900
2.6
2.2
2.85
1.95
450
3.05 2.65 3.3
2.4
2.225 1.1
1.9
2
1.2
2.2
400
40
1000 2.50
7.96
1000
2.5
2.1
2.8
1.8
500
3
2.6
3.3
2.3
2.225 1.1
1.9
2
1.2
2.2
600
24
600
1.00
0.00
600
3
2.4
3
2.4
300
3.3
2.7
3.3
2.7
2.1
1.1
1.9
2
1.2
2.2
600
28
700
1.17
1.34
700
2.9
2.3
2.95
2.25
350
3.25 2.65 3.3
2.6
2.225 1.1
1.9
2
1.2
2.2
600
32
800
1.33
2.50
800
2.8
2.2
2.9
2.1
400
3.2
2.6
3.3
2.5
2.225 1.1
1.9
2
1.2
2.2
600
36
900
1.50
3.52
900
2.7
2.1
2.85
1.95
450
3.15 2.55 3.3
2.4
2.225 1.1
1.9
2
1.2
2.2
600
40
1000 1.67
4.44
1000
2.6
2
2.8
1.8
500
3.1
2.5
3.3
2.3
2.225 1.1
1.9
2
1.2
2.2
600
44
1200 1.83
5.26
1100
2.5
1.9
2.75
1.65
550
3.05 2.45 3.3
2.2
2.1
1.1
1.9
2
1.2
2.2
600
48
1400 2.00
6.02
1200
2.4
1.8
2.7
1.5
600
3
2.4
3.3
2.1
2.1
1.1
1.9
2
1.2
2.2
VTTO and VCC = 1.8 V1
200
8
200
1.00
0.00
200
1.7
1.5
1.7
1.5
100
1.8
1.6
1.8
1.6
0.725 1.1
1.8
0.5
NA
NA
200
12
300
1.50
3.52
300
1.6
1.4
1.65
1.35
150
1.75 1.55 1.8
1.5
0.725 1.1
1.8
0.5
NA
NA
200
16
400
2.00
6.02
400
1.5
1.3
1.6
1.2
200
1.7
1.5
1.8
1.4
0.725 1.1
1.8
0.5
NA
NA
200
20
500
2.50
7.96
500
1.4
1.2
1.55
1.05
250
1.65 1.45 1.8
1.3
0.725 1.1
1.8
0.5
NA
NA
200
24
600
3.00
9.54
600
1.3
1.1
1.5
0.9
300
1.6
1.4
1.8
1.2
0.725 1.1
1.8
0.5
NA
NA
300
12
300
1.00
0.00
300
1.65 1.35 1.65
1.35
150
1.8
1.5
1.8
1.5
0.725 1.1
1.8
0.5
NA
NA
300
16
400
1.33
2.50
400
1.55 1.25 1.6
1.2
200
1.75 1.45 1.8
1.4
0.725 1.1
1.8
0.5
NA
NA
300
20
500
1.67
4.44
500
1.45 1.15 1.55
1.05
250
1.7
1.4
1.8
1.3
0.725 1.1
1.8
0.5
NA
NA
300
24
600
2.00
6.02
600
1.35 1.05 1.5
0.9
300
1.65 1.35 1.8
1.2
0.725 1.1
1.8
0.5
NA
NA
300
28
700
2.33
7.36
700
1.25 0.95 1.45
0.75
350
1.6
1.3
1.8
1.1
0.725 1.1
1.8
0.5
NA
NA
400
16
400
1.00
0.00
400
1.6
1.2
1.6
1.2
200
1.8
1.4
1.8
1.4
0.725 1.1
1.8
0.5
NA
NA
400
20
500
1.25
1.94
500
1.5
1.1
1.55
1.05
250
1.75 1.35 1.8
1.3
0.725 1.1
1.8
0.5
NA
NA
400
24
600
1.50
3.52
600
1.4
1
1.5
0.9
300
1.7
1.3
1.8
1.2
0.725 1.1
1.8
0.5
NA
NA
400
28
700
1.75
4.86
700
1.3
0.9
1.45
0.75
350
1.65 1.25 1.8
1.1
0.725 1.1
1.8
0.5
NA
NA
400
32
800
2.00
6.02
800
1.2
0.8
1.4
0.6
400
1.6
1.2
1.8
1
0.725 1.1
1.8
0.5
NA
NA
600
24
600
1.00
0.00
600
1.5
0.9
1.5
0.9
300
1.8
1.2
1.8
1.2
0.6
1.1
1.9
0.5
NA
NA
1 TxHeadroom = 1 is not an option at VTTO and VCC = 1.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com