Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADN8102
Rev. A | Page 16 of 32
THEORY OF OPERATION
RECEIVE
EQUALIZATION
EQ
TRANSMIT
PRE-EMPHASIS
PE
TRANSMIT
PRE-EMPHASIS
RECEIVE
EQUALIZATION
PE
2:1
2:1
CONTROL LOGIC
ADN8102
EQ
Ix_B[3:0]
LOS_B
LB
Ox_A[3:0]
ADDR[1:0]
SCL
SDA
RESET
Ox_B[3:0]
LOS_A
Ix_A[3:0]
PE_A[1:0]
EQ_A[1:0]
EQ_B[1:0]
PE_B[1:0]
ENA
ENB
Figure 37. Simplified Functional Block Diagram
INTRODUCTION
The ADN8102 is a quad bidirectional cable and backplane
equalizer that provides both input equalization and output pre-
emphasis on both the line card and cable sides of the device.
The device supports full loopback and through connectivity
of the two unidirectional half-links, each consisting of four
differential signal pairs.
The ADN8102 offers extensively programmable output levels
and pre-emphasis as well as the ability to disable the output
current. The receivers integrate a programmable, multizero
equalizer transfer function that is optimized to compensate
either typical backplane or typical cable losses.
The I/O on-chip termination resistors are terminated to user-
settable supplies to support dc coupling in a wide range of logic
styles. The ADN8102 supports a wide core supply range; VCC
can be set from 1.8 V to 3.3 V. These features, together with
programmable output levels, allow for a wide range of dc- and
ac-coupled I/O configurations.
RECEIVERS
Input Structure and Input Levels
The ADN8102 receiver inputs incorporate 50 Ω termination
resistors, ESD protection, and a multizero transfer function
equalizer that can be optimized for backplane or cable operation.
Each channel also provides a programmable loss-of-signal (LOS)
function that provides an interrupt that can be used to squelch
or disable the associated output when the differential input voltage
falls below the programmed threshold value. Each receive channel
also provides a P/N inversion function that allows the user to
swap the sign of the input signal path to eliminate the need for
board-level crossovers in the receiver channel.
Table 5 illustrates some, but not all, possible combinations of
input supply voltages.
Table 5. Common Input Voltage Levels
Configuration
VCC (V)
VTTI (V)
Low VTTI, AC-Coupled Input
1.8
1.6
Single 1.8 V Supply
1.8
1.8
3.3 V Core
3.3
1.8
Single 3.3 V Supply
3.3
3.3
VCC
VTTI
IP
IN
VEE
SIMPLIFIED RECEIVER INPUT CIRCUIT
RLN
RLP
Q1
Q2
I1
R3
1kΩ
R1
750Ω
R2
750Ω
RN
52Ω
RP
52Ω
Figure 38. Simplified Input Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com