Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADN8102
Rev. A | Page 30 of 32
Name
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
OUT_A
Configuration
0xC0
EN
DATA
RATE
PE[2]
PE[1]
PE[0]
0x20
OUT_A
Output Level
Control 1
0xC1
PE CTL
SRC
OUTA_OLEV1[6:0]
0x40
OUT_A
Output Level
Control 0
0xC2
OUTA_OLEV0[6:0]
0x40
OUT_A
Squelch
Control
0xC3
SQUELCH[3:0]
DISABLE[3:0]
0xFF
OUT_B
Configuration
0xE0
EN
DATA
RATE
PE[2]
PE[1]
PE[0]
0x20
OUT_B
Output Level
Control 1
0xE1
PE CTL
SRC
OUTB_OLEV1[6:0]
0x40
OUT_B
Output Level
Control 0
0xE2
OUTB_OLEV0[6:0]
0x40
OUT_B
Squelch
Control
0xE3
SQUELCH[3:0]
DISABLE[3:0]
0xFF
1 Read-only register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com