Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 67 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 63Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 64Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 65Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 66Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 67Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 68Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 69Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 70Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 146 page
background image
67
AT89C51IC2
4301A–8051–01/04
Power Management
Two power reduction modes are implemented in the AT89C51IC2: the Idle mode and
the Power-down mode. These modes are detailed in the following sections. In addition
to these power reduction modes, the clocks of the core and peripherals can be dynami-
cally divided by 2 using the X2 mode detailed in Section “Enhanced Features”.
Reset
In order to start-up (cold reset) or to restart (warm reset) properly the microcontroller, an
high level has to be applied on the RST pin. A bad level leads to a wrong initialization of
the internal registers like SFRs, Program Counter… and to unpredictable behavior of
the microcontroller. A proper device reset initializes the AT89C51IC2 and vectors the
CPU to address 0000h. RST input has a pull-down resistor allowing power-on reset by
simply connecting an external capacitor to V
DD as shown in Figure 23. A warm reset can
be applied either directly on the RST pin or indirectly by an internal reset source such as
the watchdog timer. Resistor value and input characteristics are discussed in the Sec-
tion “DC Characteristics” of the AT89C51IC2 datasheet.
Figure 23. Reset Circuitry and Power-On Reset
Cold Reset
2 conditions are required before enabling a CPU start-up:
•V
DD must reach the specified VDD range
•
The level on X1 input pin must be outside the specification (V
IH, VIL)
If one of these 2 conditions are not met, the microcontroller does not start correctly and
can execute an instruction fetch from anywhere in the program space. An active level
applied on the RST pin must be maintained till both of the above conditions are met. A
reset is active when the level V
IH1 is reached and when the pulse width covers the
period of time where V
DD and the oscillator are not stabilized. 2 parameters have to be
taken into account to determine the reset pulse width:
•V
DD rise time,
•
Oscillator startup time.
To determine the capacitor value to implement, the highest value of these 2 parameters
has to be chosen. Table 1 gives some capacitor values examples for a minimum R
RST of
50 K
Ω and different oscillator startup and V
DD rise times.
RST
VSS
To CPU Core
and Peripherals
RST
VDD
+
Power-on Reset
RST input circuitry
P
VDD
From Internal
Reset Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com