Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 19Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 20Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 21Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 22Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 23Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 24Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 25Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 26Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 146 page
background image
23
AT89C51IC2
4301A–8051–01/04
Table 19. CKCON0 Register
CKCON0 - Clock Control Register (8Fh)
Reset Value = 0000 000’HSB.X2’b
Not bit addressable
7654
3210
SPIX2
WDX2
PCAX2
SIX2
T2X2
T1X2
T0X2
X2
Bit
Number
Bit
Mnemonic
Description
7I2CX2
2-wire clock (This control bit is validated when the CPU clock X2 is set; when
X2 is low, this bit has no effect)
Cleared to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
6WDX2
Watchdog clock (This control bit is validated when the CPU clock X2 is set;
when X2 is low, this bit has no effect)
Cleared to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
5PCAX2
Programmable Counter Array clock (This control bit is validated when the
CPU clock X2 is set; when X2 is low, this bit has no effect)
Cleared to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
4SIX2
Enhanced UART clock (Mode 0 and 2) (This control bit is validated when the
CPU clock X2 is set; when X2 is low, this bit has no effect)
Cleared to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
3T2X2
Timer2 clock (This control bit is validated when the CPU clock X2 is set; when
X2 is low, this bit has no effect)
Cleared to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
2T1X2
Timer1 clock (This control bit is validated when the CPU clock X2 is set; when
X2 is low, this bit has no effect)
Cleared to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
1T0X2
Timer0 clock (This control bit is validated when the CPU clock X2 is set; when
X2 is low, this bit has no effect)
Cleared to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
0X2
CPU clock
Cleared to select 12 clock periods per machine cycle (STD mode) for CPU and
all the peripherals.
Set to select 6clock periods per machine cycle (X2 mode) and to enable the
individual peripherals "X2" bits.
Programmed by hardware after Power-up regarding Hardware Security Byte
(HSB), Default setting, X2 is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com