Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 50 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 46Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 47Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 48Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 49Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 50Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 51Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 52Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 53Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 146 page
background image
50
AT89C51IC2
4301A–8051–01/04
Table 35. SADDR Register
SADDR - Slave Address Register (A9h)
Reset Value = 0000 0000b
Not bit addressable
Baud Rate Selection for
UART for mode 1 and 3
The Baud Rate Generator for transmit and receive clocks can be selected separately via
the T2CON and BDRCON registers.
Figure 20. Baud Rate selection
Table 36. Baud Rate Selection Table UART
765
43210
RCLK
/ 16
RBCK
INT_BRG
0
1
TIMER1
0
1
0
1
TIMER2
INT_BRG
TIMER1
TI MER2
TI MER_BRG_RX
Rx Clock
/ 16
0
1
TIMER_BRG_TX
Tx Clock
TBCK
TCLK
TCLK
(T2CON)
RCLK
(T2CON)
TBCK
(BDRCON)
RBCK
(BDRCON)
Clock Source
UART Tx
Clock Source
UART Rx
00
00
Timer 1
Timer 1
10
00
Timer 2
Timer 1
01
00
Timer 1
Timer 2
11
00
Timer 2
Timer 2
X
0
1
0
INT_BRG
Timer 1
X
1
1
0
INT_BRG
Timer 2
0
X
0
1
Timer 1
INT_BRG
1
X
0
1
Timer 2
INT_BRG
X
X
1
1
INT_BRG
INT_BRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com