Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 7Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 8Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 9Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 10Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 11Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 12Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 13Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 14Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 146 page
background image
11
AT89C51IC2
4301A–8051–01/04
Table 13. Pin Description for 40/44 Pin Packages
Mnemonic
Pin Number
Type
Name and Function
PLCC44
VQFP44 1.4
VSS
22
16
I
Ground: 0V reference
V
CC
44
38
I
Power Supply: This is the power supply voltage for normal, idle and power-down
operation
P0.0 - P0.7
43 - 36
37 - 30
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s written to
them float and can be used as high impedance inputs. Port 0 must be polarized to V
CC
or VSS in order to prevent any parasitic current consumption. Port 0 is also the multi-
plexed low-order address and data bus during access to external program and data
memory. In this application, it uses strong internal pull-up when emitting 1s. Port 0 also
inputs the code bytes during EPROM programming. External pull-ups are required dur-
ing program verification during which P0 outputs the code bytes.
P1.0 - P1.7
2 - 9
40 - 44
1 - 3
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, Port 1 pins that are externally pulled low will source current because
of the internal pull-ups. Port 1 also receives the low-order address byte during memory
programming and verification.
Alternate functions for AT89C51IC2 Port 1 include:
240
I/O
P1.0: Input/Output
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout
I
XTALB1 (P1.0): Sub Clock input to the inverting oscillator amplifier
341
I/O
P1.1: Input/Output
I
T2EX: Timer/Counter 2 Reload/Capture/Direction Control
I
SS: SPI Slave Select
442
I/O
P1.2: Input/Output
I
ECI: External Clock for the PCA
543
I/O
P1.3: Input/Output
I/O
CEX0: Capture/Compare External I/O for PCA module 0
644
I/O
P1.4: Input/Output
I/O
CEX1: Capture/Compare External I/O for PCA module 1
71
I/O
P1.5: Input/Output
I/O
CEX2: Capture/Compare External I/O for PCA module 2
I/O
MISO: SPI Master Input Slave Output line
When SPI is in master mode, MISO receives data from the slave peripheral. When SPI
is in slave mode, MISO outputs data to the master controller.
82
I/O
P1.6: Input/Output
I/O
CEX3: Capture/Compare External I/O for PCA module 3
I/O
SCK: SPI Serial Clock
SCK outputs clock to the slave peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com