Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 9Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 10Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 11Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 12Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 13Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 14Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 15Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 16Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 146 page
background image
13
AT89C51IC2
4301A–8051–01/04
SDA is the bidirectional 2-wire data line
RST
10
4
I/O
Reset: A high on this pin for two machine cycles while the oscillator is running, resets
the device. An internal diffused resistor to V
SS permits a power-on reset using only an
external capacitor to V
CC. This pin is an output when the hardware watchdog forces a
system reset.
ALE/PROG
33
27
O (I)
Address Latch Enable/Program Pulse: Output pulse for latching the low byte of the
address during an access to external memory. In normal operation, ALE is emitted at a
constant rate of 1/6 (1/3 in X2 mode) the oscillator frequency, and can be used for
external timing or clocking. Note that one ALE pulse is skipped during each access to
external data memory. This pin is also the program pulse input (PROG) during Flash
programming. ALE can be disabled by setting SFR’s AUXR.0 bit. With this bit set, ALE
will be inactive during internal fetches.
PSEN
32
26
O
Program Strobe ENable: The read strobe to external program memory. When execut-
ing code from the external program memory, PSEN is activated twice each machine
cycle, except that two PSEN activations are skipped during each access to external
data memory. PSEN is not activated during fetches from internal program memory.
EA
35
29
I
External Access Enable: EA must be externally held low to enable the device to fetch
code from external program memory locations 0000H to FFFFH (RD). If security level 1
is programmed, EA will be internally latched on Reset.
Table 13. Pin Description for 40/44 Pin Packages (Continued)
Mnemonic
Pin Number
Type
Name and Function
PLCC44
VQFP44 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com