Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 18Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 19Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 20Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 21Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 22Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 23Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 24Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 25Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 146 page
background image
22
AT89C51IC2
4301A–8051–01/04
Figure 6. Mode Switching Waveforms
The X2 bit in the CKCON0 register (see Table 19) allow to switch from 12 clock periods
per instruction to 6 clock periods and vice versa. At reset, the speed is setting according
to X2 bit of Hardware Security Byte (HSB). By default, Standard mode is actived. Setting
the X2 bit activates the X2 feature (X2 mode).
The T0X2, T1X2, T2X2, UartX2, PcaX2, WdX2 and I2CX2 bits in the CKCON0 register
(See Table 19.) and SPIX2 bit in the CKCON1 register (see Table 20) allow to switch
from standard peripheral speed (12 clock periods per peripheral clock cycle) to fast
peripheral speed (6 clock periods per peripheral clock cycle). These bits are active only
in X2 mode.
More information about the X2 mode can be found in the application note "How to take
advantage of the X2 features in TS80C51 microcontroller?"
XTALA1:2
XTALA1
CPU clock
X2 bit
X2 Mode
STD Mode
STD Mode
F
OSCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com