Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 78Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 79Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 80Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 81Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 82Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 83Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 84Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 85Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 146 page
background image
82
AT89C51IC2
4301A–8051–01/04
Table 62. KBE Register
KBE-Keyboard Input Enable Register (9Dh)
Reset Value= 0000 0000b
7654
3210
KBE7
KBE6
KBE5
KBE4
KBE3
KBE2
KBE1
KBE0
Bit
Number
Bit
Mnemonic
Description
7KBE7
Keyboard line 7 Enable bit
Cleared to enable standard I/O pin.
Set to enable KBF.7 bit in KBF register to generate an interrupt request.
6KBE6
Keyboard line 6 Enable bit
Cleared to enable standard I/O pin.
Set to enable KBF.6 bit in KBF register to generate an interrupt request.
5KBE5
Keyboard line 5 Enable bit
Cleared to enable standard I/O pin.
Set to enable KBF.5 bit in KBF register to generate an interrupt request.
4KBE4
Keyboard line 4 Enable bit
Cleared to enable standard I/O pin.
Set to enable KBF.4 bit in KBF register to generate an interrupt request.
3KBE3
Keyboard line 3 Enable bit
Cleared to enable standard I/O pin.
Set to enable KBF.3 bit in KBF register to generate an interrupt request.
2KBE2
Keyboard line 2 Enable bit
Cleared to enable standard I/O pin.
Set to enable KBF.2 bit in KBF register to generate an interrupt request.
1KBE1
Keyboard line 1 Enable bit
Cleared to enable standard I/O pin.
Set to enable KBF.1 bit in KBF register to generate an interrupt request.
0KBE0
Keyboard line 0 Enable bit
Cleared to enable standard I/O pin.
Set to enable KBF.0 bit in KBF register to generate an interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com