Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 15Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 16Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 17Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 18Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 19Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 20Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 21Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 22Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 146 page
background image
19
AT89C51IC2
4301A–8051–01/04
Design Considerations
Oscillators Control
•
PwdOscA and PwdOscB signals are generated in the Clock generator and used to
control the hard blocks of oscillators A and B.
•
PwdOscA =’1’ stops OscA
•
PwdOscB =’1’ stops OscB
•
The following tables summarize the Operating modes:
Prescaler Divider
•
A hardware RESET puts the prescaler divider in the following state:
–
CKRL = FFh: F
CLK CPU = FCLK PERIPH = FOSCA/2 (Standard C51 feature)
•
CKS signal selects OSCA or OSCB: F
CLK OUT = FOSCA or FOSCB
•
Any value between FFh down to 00h can be written by software into CKRL register
in order to divide frequency of the selected oscillator:
–
CKRL = 00h: minimum frequency
F
CLK CPU = FCLK PERIPH = FOSCA/1020 (Standard Mode)
F
CLK CPU = FCLK PERIPH = FOSCA/510 (X2 Mode)
–
CKRL = FFh: maximum frequency
F
CLK CPU = FCLK PERIPH = FOSCA/2 (Standard Mode)
F
CLK CPU = FCLK PERIPH = FOSCA (X2 Mode)
0
1
X
1
1
IDLE MODE A
The CPU is off, OscA supplies the
peripherals, OscB can be disabled
(OscBEn = 0)
0
1
1
X
0
IDLE MODE B
The CPU is off, OscB supplies the
peripherals, OscA can be disabled
(OscAEn = 0)
1X
X
1
X
POWER DOWN
MODE
The CPU and peripherals are off,
OscA and OscB are stopped
Table 18. Overview (Continued)
PCON.1
PCON.0
OscBEn
OscAEn
CKS
Selected Mode
Comment
PCON.1
OscAEn
PwdOscA
Comments
0
1
0
OscA running
1X1
OscA stopped by
Power-down mode
00
1
OscA stopped by
clearing OscAEn
PCON.1
OscBEn
PwdOscB
Comments
0
1
0
OscB running
1X1
OscB stopped by
Power-down mode
00
1
OscB stopped by
clearing OscBEn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com