Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 10Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 11Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 12Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 13Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 14Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 15Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 16Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 17Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 146 page
background image
14
AT89C51IC2
4301A–8051–01/04
Oscillators
Overview
Two oscillators are available for CPU:
•
OSCA used for high frequency: Up to 48 MHz @5V +/- 10%
•
OSCB used for low frequency: 32.768 kHz
Several operating modes are available and programmable by software:
•
to switch OSCA to OSCB and vice-versa
•
to stop OSCA or OSCB to reduce consumption
In order to optimize the power consumption and the execution time needed for a specific
task, an internal prescaler feature has been implemented between the selected oscilla-
tor and the CPU.
Registers
Table 14. CKSEL Register
CKSEL - Clock Selection Register (85h)
Reset Value = 0000 000’HSB.OSC’b (see Hardware Security Byte (HSB) Table 84)
Not bit addressable
765
43210
-------
CKS
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
6-
Reserved
5-
Reserved
4-
Reserved
3-
Reserved
2-
Reserved
1-
Reserved
0CKS
CPU Oscillator Select Bit: (CKS)
Cleared, CPU and peripherals connected to OSCB
Set, CPU and peripherals connected to OSCA
Programmed by hardware after a Power-up regarding Hardware Security Byte
(HSB).HSB.OSC (Default setting, OSCA selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com