Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 88 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 84Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 85Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 86Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 87Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 88Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 89Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 90Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 91Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 146 page
background image
88
AT89C51IC2
4301A–8051–01/04
When the slave address and the direction bit have been transmitted and an acknowl-
edgement bit has been received, the serial interrupt flag is set again and a number of
status code in SSCS are possible. There are 40h, 48h or 38h for the master mode and
also 68h, 78h or B0h if the slave mode was enabled (AA=logic 1). The appropriate
action to be taken for each of these status code is detailed in Table 69. This scheme is
repeated until a STOP condition is transmitted.
SSIE, CR2, CR1 and CR0 are not affected by the serial transfer and are referred to
Table 7 to Table 11. After a repeated START condition (state 10h) SSLC may switch to
the master transmitter mode by loading SSDAT with SLA+W.
Slave Receiver Mode
In the slave receiver mode, a number of data bytes are received from a master transmit-
ter (Figure 40). To initiate the slave receiver mode, SSADR and SSCON must be loaded
as follows:
The upper 7 bits are the address to which SSLC will respond when addressed by a mas-
ter. If the LSB (GC) is set SSLC will respond to the general call address (00h); otherwise
it ignores the general call address.
CR0, CR1 and CR2 have no effect in the slave mode. SSIE must be set to enable
SSLC. The AA bit must be set to enable the own slave address or the general call
address acknowledgement. STA, STO and SI must be cleared.
When SSADR and SSCON have been initialised, SSLC waits until it is addressed by its
own slave address followed by the data direction bit which must be at logic 0 (W) for
SSLC to operate in the slave receiver mode. After its own slave address and the W bit
have been received, the serial interrupt flag is set and a valid status code can be read
from SSCS. This status code is used to vector to an interrupt service routine.The appro-
priate action to be taken for each of these status code is detailed in Table 70. The slave
receiver mode may also be entered if arbitration is lost while SSLC is in the master
mode (states 68h and 78h).
If the AA bit is reset during a transfer, SSLC will return a not acknowledge (logic 1) to
SDA after the next received data byte. While AA is reset, SSLC does not respond to its
own slave address. However, the 2-wire bus is still monitored and address recognition
may be resume at any time by setting AA. This means that the AA bit may be used to
temporarily isolate SSLC from the 2-wire bus.
Slave Transmitter Mode
In the slave transmitter mode, a number of data bytes are transmitted to a master
receiver (Figure 41). Data transfer is initialized as in the slave receiver mode. When
SSADR and SSCON have been initialized, SSLC waits until it is addressed by its own
Table 65. SSADR: slave receiver mode initialization
A6
A5
A4
A3
A2
A1
A0
GC
own slave address
Table 66. SSCON: slave receiver mode initialization
CR2
SSIE
STA
STO
SI
AA
CR1
CR0
bit rate
1
0
0
0
1
bit rate
bit rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com