Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 14Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 15Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 16Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 17Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 18Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 19Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 20Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 21Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 146 page
background image
18
AT89C51IC2
4301A–8051–01/04
•
It is always possible to switch dynamically by software from OscA to OscB, and vice
versa by changing CKS bit.
Idle Modes
•
IDLE modes are achieved by using any instruction that writes into PCON.0 bit (IDL)
•
IDLE modes A and B depend on previous software sequence, prior to writing into
PCON.0 bit:
•
IDLE MODE A: OscA is running (OscAEn = 1) and selected (CKS = 1)
•
IDLE MODE B: OscB is running (OscBEn = 1) and selected (CKS = 0)
•
The unused oscillator OscA or OscB can be stopped by software by clearing
OscAEn or OscBEn respectively.
•
IDLE mode can be canceled either by Reset, or by activation of any enabled
interruption
•
In both cases, PCON.0 bit (IDL) is cleared by hardware
•
Exit from IDLE modes will leave Oscillators control bits (OscEnA, OscEnB, CKS)
unchanged.
Power Down Modes
•
POWER DOWN modes are achieved by using any instruction that writes into
PCON.1 bit (PD)
•
POWER DOWN modes A and B depend on previous software sequence, prior to
writing into PCON.1 bit:
•
Both OscA and OscB will be stopped.
•
POWER DOWN mode can be cancelled either by a hardware Reset, an external
interruption, or the keyboard interrupt.
•
By Reset signal: The CPU will restart according to OSC bit in Hardware Security Bit
(HSB) register.
•
By INT0 or INT1 interruption, if enabled: (standard behavioral), request on Pads
must be driven low enough to ensure correct restart of the oscillator which was
selected when entering in Power down.
•
By keyboard Interrupt if enabled: a hardware clear of the PCON.1 flag ensure the
restart of the oscillator which was selected when entering in Power down.
Table 18. Overview
PCON.1
PCON.0
OscBEn
OscAEn
CKS
Selected Mode
Comment
00
0
1
1
NORMAL MODE
A, OscB stopped
Default mode after power-up or
Warm Reset
00
1
1
1
NORMAL MODE
A, OscB running
Default mode after power-up or
Warm Reset + OscB running
00
1
0
0
NORMAL MODE
B, OscA stopped
OscB running and selected
00
1
1
0
NORMAL MODE
B, OscA running
OscB running and selected +
OscA running
XX
0
0
X
INVALID
OscA & OscB cannot be stopped
at the same time
XX
X
0
1
INVALID
OscA must not be stopped, as
used for CPU and peripherals
XX
0
X
0
INVALID
OscB must not be stopped as
used for CPU and peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com