Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 8Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 9Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 10Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 11Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 12Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 13Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 14Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 15Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 146 page
background image
12
AT89C51IC2
4301A–8051–01/04
93
I/O
P1.7: Input/Output:
I/O
CEX4: Capture/Compare External I/O for PCA module 4
I/O
MOSI: SPI Master Output Slave Input line
When SPI is in master mode, MOSI outputs data to the slave peripheral. When SPI is
in slave mode, MOSI receives data from the master controller.
XTALA1
21
15
I
Crystal A 1: Input to the inverting oscillator amplifier and input to the internal clock
generator circuits.
XTALA2
20
14
O
Crystal A 2: Output from the inverting oscillator amplifier
XTALB1
2
40
I
Crystal B 1: (Sub Clock) Input to the inverting oscillator amplifier and input to the inter-
nal clock generator circuits.
XTALB2
1
39
O
Crystal B 2: (Sub Clock) Output from the inverting oscillator amplifier
P2.0 - P2.7
24 - 31
18 - 25
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, Port 2 pins that are externally pulled low will source current because
of the internal pull-ups. Port 2 emits the high-order address byte during fetches from
external program memory and during accesses to external data memory that use 16-bit
addresses (MOVX @DPTR).In this application, it uses strong internal pull-ups emitting
1s. During accesses to external data memory that use 8-bit addresses (MOVX @Ri),
port 2 emits the contents of the P2 SFR. Some Port 2 pins receive the high order
address bits during EPROM programming and verification.
P3.0 - P3.7
11,
13 - 19
5,
7 - 13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, Port 3 pins that are externally pulled low will source current because
of the internal pull-ups. Port 3 also serves the special features of the 80C51 family, as
listed below.
11
5
I
RXD (P3.0): Serial input port
13
7
O
TXD (P3.1): Serial output port
14
8
I
INT0 (P3.2): External interrupt 0
15
9
I
INT1 (P3.3): External interrupt 1
16
10
I
T0 (P3.4): Timer 0 external input
17
11
I
T1 (P3.5): Timer 1 external input
18
12
O
WR (P3.6): External data memory write strobe
19
13
O
RD (P3.7): External data memory read strobe
PI2.0 - PI2.1
34, 12
28, 6
Port I2: Port I2 is an open drain. It can be used as inputs (must be polarized to Vcc
with external resistor to prevent any parasitic current consumption).
34
28
I/O
SCL (PI2.0): 2-wire Serial Clock
SCL output the serial clock to slave peripherals
SCL input the serial clock from master
12
6
I/O
SDA (PI2.1): 2-wire Serial Data
Table 13. Pin Description for 40/44 Pin Packages (Continued)
Mnemonic
Pin Number
Type
Name and Function
PLCC44
VQFP44 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com