Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 134 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 134 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 130Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 131Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 132Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 133Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 134Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 135Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 136Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 137Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 138Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 146 page
background image
134
AT89C51IC2
4301A–8051–01/04
External Program Memory
Read Cycle
External Data Memory
Characteristics
Table 97. Symbol Description
T
PLIV
TPLAZ
ALE
PSEN
PORT 0
PORT 2
A0-A7
A0-A7
INSTR IN
INSTR IN
INSTR IN
ADDRESS
OR SFR-P2
ADDRESS A8-A15
ADDRESS A8-A15
12 T
CLCL
T
AVIV
T
LHLL
T
AVLL
T
LLIV
T
LLPL
T
PLPH
T
PXAV
T
PXIX
T
PXIZ
T
LLAX
Symbol
Parameter
TRLRH
RD Pulse Width
TWLWH
WR Pulse Width
TRLDV
RD to Valid Data In
TRHDX
Data Hold After RD
TRHDZ
Data Float After RD
TLLDV
ALE to Valid Data In
TAVDV
Address to Valid Data In
TLLWL
ALE to WR or RD
TAVWL
Address to WR or RD
TQVWX
Data Valid to WR Transition
TQVWH
Data set-up to WR High
TWHQX
Data Hold After WR
TRLAZ
RD Low to Address Float
TWHLH
RD or WR High to ALE high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com