Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 65 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 61Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 62Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 63Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 64Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 65Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 66Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 67Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 68Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 182 page
background image
65
4173E–USB–09/07
AT89C5132
Reset Value = 1011 0010b
Table 53. AUDSTA Register
AUDSTA (S:9Ch Read Only) – Audio Interface Status Register
Reset Value = 1100 0000b
Table 54. AUDDAT Register
AUDDAT (S:9Dh) – Audio Interface Data Register
Bit Number
Bit
Mnemonic
Description
7-6
–
Reserved
The value read from these bits is always 0. Do not set these bits.
5
MSREQ
Audio Sample Request Flag Mask Bit
Set to prevent the SREQ flag from generating an audio interrupt.
Clear to allow the SREQ flag to generate an audio interrupt.
4
MUDRN
Audio Sample Under-run Flag Mask Bit
Set to prevent the UDRN flag from generating an audio interrupt.
Clear to allow the UDRN flag to generate an audio interrupt.
3
–
Reserved
The value read from this bit is always 0. Do not set this bit.
2-1
DUP1:0
Audio Duplication Factor
Refer to Table 50 for bits description.
0
AUDEN
Audio Interface Enable Bit
Set to enable the audio interface.
Clear to disable the audio interface.
7
6
5
4
3
2
1
0
SREQ
UDRN
AUBUSY
-
-
-
-
-
Bit Number
Bit
Mnemonic
Description
7
SREQ
Audio Sample Request Flag
Set in C51 audio source mode when the audio interface request samples (buffer half
empty). This bit generates an interrupt if not masked and if enabled in IEN0.
Cleared by hardware when samples are loaded in AUDDAT.
6
UDRN
Audio Sample Under-run Flag
Set in C51 audio source mode when the audio interface runs out of samples (buffer
empty). This bit generates an interrupt if not masked and if enabled in IEN0.
Cleared by hardware when samples are loaded in AUDDAT.
5
AUBUSY
Audio Interface Busy Bit
Set in C51 audio source mode when the audio interface cannot accept more sample
(buffer full).
Cleared by hardware when buffer is no more full.
4-0
-
Reserved
The value read from these bits is always 0. Do not set these bits.
7
6
5
4
3
2
1
0
AUD7
AUD6
AUD5
AUD4
AUD3
AUD2
AUD1
AUD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com