Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 51 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 47Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 48Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 49Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 50Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 51Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 52Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 53Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 54Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 182 page
background image
51
4173E–USB–09/07
AT89C5132
12.3.2
Mode 1 (16-bit Timer)
Mode 1 configures Timer 0 as a 16-bit Timer with TH0 and TL0 registers connected in cascade
(see Figure 12-4). The selected input increments TL0 register. Figure 12-5 gives the overflow
period calculation formula when in timer mode.
Figure 12-4. Timer/Counter x (x = 0 or 1) in Mode 1
Figure 12-5. Mode 1 Overflow Period Formula
12.3.3
Mode 2 (8-bit Timer with Auto-Reload)
Mode 2 configures Timer 0 as an 8-bit Timer (TL0 register) that automatically reloads from TH0
register (see Table 42). TL0 overflow sets TF0 flag in TCON register and reloads TL0 with the
contents of TH0, which is preset by software. When the interrupt request is serviced, hardware
clears TF0. The reload leaves TH0 unchanged. The next reload value may be changed at any
time by writing it to TH0 register. Figure 12-7 gives the autoreload period calculation formula
when in timer mode.
Figure 12-6. Timer/Counter x (x = 0 or 1) in Mode 2
Figure 12-7. Mode 2 Autoreload Period Formula
12.3.4
Mode 3 (Two 8-bit Timers)
Mode 3 configures Timer 0 such that registers TL0 and TH0 operate as separate 8-bit Timers
(see Figure 12-8). This mode is provided for applications requiring an additional 8-bit Timer or
TRx
TCON Reg
TFx
TCON Reg
0
1
GATEx
TMOD Reg
Overflow
Timer x
Interrupt
Request
C/Tx#
TMOD Reg
TLx
(8 Bits)
THx
(8 Bits)
INTx
Tx
TIMx
CLOCK
÷
6
6
⋅ (65536 – (THx, TLx))
TFx
PER=
FTIMx
TRx
TCON Reg
TFx
TCON Reg
0
1
GATEx
TMOD Reg
Overflow
Timer x
Interrupt
Request
C/Tx#
TMOD Reg
TLx
(8 Bits)
THx
(8 Bits)
INTx
Tx
TIMx
CLOCK
÷
6
TFx
PER=
FTIMx
6
⋅ (256 – THx)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com