Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 80 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 76Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 77Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 78Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 79Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 80Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 81Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 82Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 83Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 182 page
background image
80
4173E–USB–09/07
AT89C5132
Table 68. UFNUML Register
UFNUML (S:BAh, Read-only) – USB Frame Number Low Register
Reset Value = 00h
Table 69. UFNUMH Register
UFNUMH (S:BBh, Read-only) – USB Frame Number High Register
Reset Value = 00h
Table 70. USBCLK Register
USBCLK (S:EAh) – USB Clock Divider Register
7
6
5
4
3
2
1
0
FNUM7
FNUM6
FNUM5
FNUM4
FNUM3
FNUM2
FNUM1
FNUM0
Bit
Number
Bit
Mnemonic Description
7 - 0
FNUM7:0
Frame Number
Lower 8 Bits of the 11-bit Frame Number.
7
6
5
4
3
2
1
0
-
-
CRCOK
CRCERR
-
FNUM10
FNUM9
FNUM8
Bit
Number
Bit
Mnemonic
Description
7 - 3
-
Reserved
The values read from these Bits are always 0. Do not set these Bits.
5
CRCOK
Frame Number CRC OK Bit
Set by hardware after a non corrupted Frame Number in Start of Frame Packet is
received.
Updated after every Start Of Frame packet reception.
Note: The Start Of Frame interrupt is generated just after the PID receipt.
4
CRCERR
Frame Number CRC Error Bit
Set by hardware after a corrupted Frame Number in Start of Frame Packet is
received.
Updated after every Start Of Frame packet reception.
Note: The Start Of Frame interrupt is generated just after the PID receipt.
3
-
Reserved
The values read from this Bits are always 0. Do not set this bit.
2 - 0
FNUM10:8
Frame Number
Upper 3 Bits of the 11-bit Frame Number. It is provided in the last received SOF
packet. FNUM does not change if a corrupted SOF is received.
7
6
5
4
3
2
1
0
-
-
-
-
-
-
USBCD1
USBCD0
Bit
Number
Bit
Mnemonic Description
7 - 2
-
Reserved
The values read from these Bits are always 0. Do not set these Bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com