Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 88 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 84Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 85Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 86Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 87Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 88Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 89Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 90Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 91Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 182 page
background image
88
4173E–USB–09/07
AT89C5132
Figure 16-9. MMC Controller Block Diagram
16.4
Clock Generator
The MMC clock is generated by division of the oscillator clock (FOSC) issued from the Clock Con-
troller block as detailed in Section "Oscillator", page 12. The division factor is given by MMCD7:0
Bits in MMCLK register. Figure 16-10 shows the MMC clock generator and its output clock cal-
culation formula.
Figure 16-10. MMC Clock Generator and Symbol
As soon as MMCEN bit in MMCON2 is set, the MMC controller receives its system clock. The
MMC command and data clock is generated on MCLK output and sent to the command line and
data line controllers. Figure 16-11 shows the MMC controller configuration flow.
As exposed in Section “Clock Control”, MMCD7:0 Bits can be used to dynamically increase or
reduce the MMC clock.
Figure 16-11. Configuration Flow
16.5
Command Line Controller
As shown in Figure 16-12, the command line controller is divided in two channels: the command
transmitter channel that handles the command transmission to the card through the MCMD line
and the command receiver channel that handles the response reception from the card through
the MCMD line. These channels are detailed in the following sections.
OSC
CLOCK
MCMD
MCLK
8
Internal
Bus
MDAT
Command Line
Clock
MMC
Interrupt
Request
Generator
Controller
Data Line
Controller
Interrupt
Controller
MMCD7:0
MMCLK
MMC Clock
MMCclk
OSCclk
MMCD
1
+
-----------------------------
=
OSC
CLOCK
MMCEN
MMCON2.7
Controller Clock
MMC
CLOCK
MMC Clock Symbol
MMC Controller
Configuration
Configure MMC Clock
MMCLK = XXh
MMCEN = 1
FLOWC = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com