Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 86 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 82Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 83Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 84Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 85Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 86Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 87Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 88Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 89Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 182 page
background image
86
4173E–USB–09/07
AT89C5132
Table 72. R1 Response Format (Normal Response)
Table 73. R2 Response Format (CID and CSD registers)
Table 74. R3 Response Format (OCR Register)
Table 75. R4 Response Format (Fast I/O)
Table 76. R5 Response Format
16.2.5
Data Packet Format
There are two types of data packets: stream and block. As shown in Figure 16-8, stream data
packets have an indeterminate length while block packets have a fixed length depending on the
block length. Each data packet is preceded by a Start bit: a low level on MCMD line and suc-
ceeded by an End bit: a high level on MCMD line. Due to the fact that there is no predefined end
Bit Position
47
46
45:40
39:8
7:1
0
Width (Bits)
1
1
6
32
7
1
Value
‘0’
‘0’
-
-
-
‘1’
Description
Start bit
Transmission
bit
Command
Index
Card Status
CRC7
End bit
Bit Position
135
134
[133:128]
[127:1]
0
Width (Bits)
1
1
6
32
1
Value
‘0’
‘0’
‘111111’
-
‘1’
Description
Start bit
Transmission bit
Reserved
Argument
End bit
Bit Position
47
46
[45:40]
[39:8]
[7:1]
0
Width (Bits)
1
1
6
32
7
1
Value
‘0’
‘0’
‘111111’
-
‘1111111’
‘1’
Description
Start bit
Transmission
bit
Reserved
OCR register
Reserved
End bit
Bit Position
47
46
[45:40]
[39:8]
[7:1]
0
Width (Bits)
1
1
6
32
7
1
Value
‘0’
‘0’
‘100111’
-
-
‘1’
Description
Start bit
Transmission
bit
Command
Index
Argument
CRC7
End bit
Bit Position
47
46
[45:40]
[39:8]
[7:1]
0
Width (Bits)
1
1
6
32
7
1
Value
‘0’
‘0’
‘101000’
-
-
‘1’
Description
Start bit
Transmission bit
Command
Index
Argument
CRC7
End bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com