Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 60 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 56Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 57Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 58Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 59Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 60Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 61Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 62Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 63Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 182 page
background image
60
4173E–USB–09/07
AT89C5132
14. Audio Output Interface
The AT89C5132 implement an audio output interface allowing the audio bitstream to be output
in various formats. It is compatible with right and left justification PCM and I2S formats and
thanks to the on-chip PLL (see Section “Clock Controller”, page 12) allows connection of almost
all of the commercial audio DAC families available on the market.
14.1
Description
The C51 core interfaces to the audio interface through five special function registers: AUDCON0
and AUDCON1, the Audio Control registers (see Table 51 and Table 52); AUDSTA, the Audio
Status register (see Table 53); AUDDAT, the Audio Data register (see Table 54); and AUDCLK,
the Audio Clock Divider register (see Table 55).
Figure 14-1 shows the audio interface block diagram, blocks are detailed in the following
sections.
Figure 14-1. Audio Interface Block Diagram
14.2
Clock Generator
The audio interface clock is generated by division of the PLL clock. The division factor is given
by AUCD4:0 bits in AUDCLK register. Figure 14-2 shows the audio interface clock generator
and its calculation formula. The audio interface clock frequency depends on the audio DAC
used.
AUD
CLOCK
UDRN
AUDSTA.6
0
1
DSIZ
AUDCON0.1
DSEL
Clock Generator
DCLK
DOUT
SCLK
JUST4:0
AUDCON0.7:3
POL
AUDCON0.2
AUDEN
AUDCON1.0
HLR
AUDCON0.0
8
Data Converter
Audio Data
From C51
DUP1:0
AUDCON1.2:1
SREQ
AUDSTA.7
Audio Buffer
AUBUSY
AUDSTA.5
Data Ready
AUDDAT
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com