Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 85 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 81Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 82Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 83Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 84Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 85Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 86Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 87Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 88Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 182 page
background image
85
4173E–USB–09/07
AT89C5132
16.2.3
Command Token Format
As shown in Figure 16-6, commands have a fixed code length of 48 Bits. Each command token
is preceded by a Start bit: a low level on MCMD line and succeeded by an End bit: a high level
on MCMD line. The command content is preceded by a Transmission bit: a high level on MCMD
line for a command token (host to card) and succeeded by a 7-bit CRC so that transmission
errors can be detected and the operation may be repeated.
Command content contains the command index and address information or parameters.
Figure 16-6. Command Token Format
Table 71. Command Token Format
16.2.4
Response Token Format
There are five types of response tokens (R1 to R5). As shown in Figure 16-7, responses have a
code length of 48 Bits or 136 Bits. A response token is preceded by a Start bit: a low level on
MCMD line and succeeded by an End bit: a high level on MCMD line. The command content is
preceded by a Transmission bit: a low level on MCMD line for a response token (card to host)
and succeeded (R1,R2,R4,R5) or not (R3) by a 7-bit CRC.
Response content contains mirrored command and status information (R1 response), CID regis-
ter or CSD register (R2 response), OCR register (R3 response), or RCA register (R4 and R5
response).
Figure 16-7. Response Token Format
0
Total Length = 48 Bits
Content
CRC
1
1
Bit Position
47
46
45:40
39:8
7:1
0
Width (Bits)
1
1
6
32
7
1
Value
‘0’
‘1’
-
-
-
‘1’
Description
Start bit
Transmission
bit
Command
Index
Argument
CRC7
End bit
0
Total Length = 48 Bits
Content
CRC
0
1
R1, R4, R5
0
Total Length = 136 Bits
Content = CID or CSD
CRC
0
1
R2
0
Total Length = 48 Bits
Content
0
1
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com